Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAM-3624 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-3624
Description  8AI / 8DI / 4DO / 4-Slot Expansion Wireless Intelligent RTU
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-3624 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-3624 Datasheet HTML 1Page - Advantech Co., Ltd. ADAM-3624 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.advantech.com/products
Online Download
Features
ADAM-3600-C2G 8AI/8DI/4DO/4-SlotExpansion
Wireless Intelligent RTU
ƒ High Performance CPU Cortex A8 600MHz
ƒ Low Power DDR3L 256MB RAM
ƒ Embedded Real-time Linux Kernel
ƒ Domain Focused Onboard IO -8AI / 8DI / 4DO
ƒ 4-Slot I/O Expansion
ƒ High I/O Flexibility with 4-slot I/O Expansion
ƒ Multiple wireless options for Zigbee/ Wi-Fi/ 3G/ 4G/ GPRS
ƒ IEC61131-3&C Programming Language
ƒ Modbus & DNP3 & IEC-60870-5-104
ƒ Operation Temperature -40~70°C
ƒ Internal Webpage for Online Monitoring
ƒ Periodic Logger for Data Buffering on SD card
Introduction
The ADAM-3600-C2G is an intelligent Remote Terminal Unit with multiple wireless function capability, multiple I/O selection, wide temperature range and support flexible communication
protocol for oil, Gas and Water application. In the oil, gas and water application environments the ADAM-3600 is ideal for any other remote inhospitable regions with many devices
to be managed remotely.
Features
Wide Array of Flexible I/Os
Wide array of on-board I/O and flexible expansion I/O modules supporting different
acquisition requirements giving it a high cost performance.
Wireless Communication & Protocols
The ADAM-3600 simultaneously supports two mini-PCIe cards (a half-size and a full-
size) for Wi-Fi/ 3G/ GPRS/ Zigbee communication which is flexible for wiring in the
field. Modbus RTU/TCP and DNP3 protocol support that integrates the ADAM-3600
with more SCADA systems.
Wide Temperature Range
A -40~70°C operating temperature allows the ADAM-3600 to work in harsh environments
and reduces the maintenance costs for customers.
Remote Firmware Update
The ADAM-3600 can use a USB drive and an SD card to automatically update the firmware
so there's no need to bring a computer and execute the configuration program in the field.
Intelligent Connectivity Diagnosis Manager (iCD Manager)
Remotely monitor the serial and Ethernet ports status and send the alarm information,
during the communication failure, to improve the intelligent monitoring.
Node ID for Batch Configuration
Each ADAM-3600 has a node ID as its name to support batch configuration (max.64)
with the configuration utility. When an alarm is displayed on the utility, customers can
directly find the fault source with the node ID.
Last updated : 11-Apr-2016
All product specifications are subject to change without notice


Similar Part No. - ADAM-3624

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-3624-A ADVANTECH-ADAM-3624-A Datasheet
289Kb / 1P
   4-ch Analog Input Module
ADAM-3624-AE ADVANTECH-ADAM-3624-AE Datasheet
289Kb / 1P
   4-ch Analog Input Module
More results

Similar Description - ADAM-3624

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-3600-C2G ADVANTECH-ADAM-3600-C2G_15 Datasheet
613Kb / 2P
   8AI / 8DI / 4DO / 4-Slot Expansion Wireless Intelligent RTU
logo
NHP Electrical Engineer...
2080-LC10-12AWA NHP-2080-LC10-12AWA Datasheet
1Mb / 3P
   M810 8DI 4DO RELAY 240V AC
24 June 2023,
2080-LC10-12DWD NHP-2080-LC10-12DWD Datasheet
1Mb / 3P
   M810 8DI 4AI CONFIG 4DO SOURCE 12V DC
24 June 2023,
2080-LC10-12QBB NHP-2080-LC10-12QBB Datasheet
1Mb / 3P
   M810 8DI 4AI CONFIG 4DO SOURCE 24V DC
24 June 2023,
2080-LC10-12QWB NHP-2080-LC10-12QWB Datasheet
1Mb / 3P
   M810 8DI 4AI CONFIG 4DO RELAY 24V DC
24 June 2023,
logo
Advantech Co., Ltd.
ADAM-2520Z ADVANTECH-ADAM-2520Z Datasheet
984Kb / 1P
   Wireless Modbus RTU Gateway
ADAM-2520Z ADVANTECH-ADAM-2520Z_V01 Datasheet
330Kb / 1P
   Wireless Modbus RTU Gateway
20-Sep-2016
logo
NHP Electrical Engineer...
1791ES-IB8XOBV4 NHP-1791ES-IB8XOBV4 Datasheet
500Kb / 2P
   COMPACTBLOCK GUARD SAFETY I/O ENET 8DI/4DO BIPOLAR OUT
8 June 2023,
logo
Axiomtek Co., Ltd.
IPC934-230-FL AXIOMTEK-IPC934-230-FL Datasheet
320Kb / 2P
   Supports 4-slot expansion slots
logo
Advantech Co., Ltd.
ESRP-PCS-ADAM3600 ADVANTECH-ESRP-PCS-ADAM3600 Datasheet
573Kb / 2P
   Wireless Intelligent Remote terminal unit
20-Dec-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com