Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8121AD Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM8121AD
Description  White LED Driver IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8121AD Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM8121AD Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SM8121A
NIPPON PRECISION CIRCUITS INC.—7
OPERATION OVERVIEW
The SM8121A basic structure is a step-up DC/DC converter. The booster control employs Pulse Width Modu-
lation (PWM) which controls the pulse duty cycle (75% max.) at constant frequency (1.0MHz typ.). The LED
current is set by a current-setting resistor R1 connected between pins FB (with stable voltage of 0.5V typ.) and
VSS.
When the switching transistor SW-Tr is ON, energy is stored in the inductor L. When SW-Tr is rapidly
switched OFF, the energy stored in the inductor generates a voltage across the terminals of the inductor. The
induced voltage, after being added to the input voltage, turns ON the Schottky barrier diode SBD and the
stored energy is transferred to the output capacitor. This sequence of events continues repeatedly, boosting the
output voltage.
The SM8121A features a built-in soft-start function. The soft-start time is approximately 500µs from after the
chip enable input CE rising edge. During this interval, the maximum duty is restricted to 50%.
Selecting the Current-setting Resistor (R1)
The SM8121A control stabilizes the voltage on pin FB (0.5V typ.). Hence, the current-setting resistor R1 con-
nected between FB and VSS sets the LED current ILED, where the resistance R1 is given by the following
equation.
R1
= 0.5 / ILED
R1
ZD
SBD
L
10
µH
CIN
4.7
µF
VIN
2.3 to 5.5V
CE
SW
VSS
VDD
FB
ERR
AMP
Buff
VREF
SOFT
START
OSC
PWM
COMP
RAMP
GENERATOR
COUT
1.0
µF
Enable
Disable
LED
ILED
=0.5/R1
FB VFB
=0.5V
R1=0.5/ILED


Similar Part No. - SM8121AD

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8120 NPC-SM8120 Datasheet
201Kb / 14P
   White LED Driver IC
SM8120A NPC-SM8120A Datasheet
201Kb / 14P
   White LED Driver IC
SM8120AH NPC-SM8120AH Datasheet
201Kb / 14P
   White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
   White LED Driver IC
SM8122AD NPC-SM8122AD Datasheet
162Kb / 13P
   White LED Driver IC
More results

Similar Description - SM8121AD

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
SM8135B NPC-SM8135B Datasheet
148Kb / 19P
   White LED Driver IC
SM8133B NPC-SM8133B_06 Datasheet
175Kb / 23P
   White LED Driver IC
SM8135A NPC-SM8135A Datasheet
157Kb / 20P
   White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
   White LED Driver IC
SM8136A NPC-SM8136A Datasheet
126Kb / 15P
   White LED Driver IC
SM8133B NPC-SM8133B Datasheet
166Kb / 20P
   White LED Driver IC
SM8134A NPC-SM8134A Datasheet
144Kb / 19P
   White LED Driver IC
SM8120 NPC-SM8120 Datasheet
201Kb / 14P
   White LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com