Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8154MN300300TBG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV8154MN300300TBG
Description  Dual Input Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8154MN300300TBG Datasheet(HTML) 5 Page - ON Semiconductor

  NCV8154MN300300TBG Datasheet HTML 1Page - ON Semiconductor NCV8154MN300300TBG Datasheet HTML 2Page - ON Semiconductor NCV8154MN300300TBG Datasheet HTML 3Page - ON Semiconductor NCV8154MN300300TBG Datasheet HTML 4Page - ON Semiconductor NCV8154MN300300TBG Datasheet HTML 5Page - ON Semiconductor NCV8154MN300300TBG Datasheet HTML 6Page - ON Semiconductor NCV8154MN300300TBG Datasheet HTML 7Page - ON Semiconductor NCV8154MN300300TBG Datasheet HTML 8Page - ON Semiconductor NCV8154MN300300TBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NCV8154
www.onsemi.com
5
TYPICAL CHARACTERISTICS
1.85
TJ, JUNCTION TEMPERATURE (°C)
−40
IOUT = 1 mA
IOUT = 300 mA
VIN = 2.8 V
VOUT = 1.8 V
CIN = COUT = 1 mF
Figure 3. Output Voltage vs. Temperature
VOUT = 1.8 V
3.35
TJ, JUNCTION TEMPERATURE (°C)
Figure 4. Output Voltage vs. Temperature
VOUT = 3.3 V
IOUT = 1 mA
IOUT = 300 mA
1.84
1.83
1.82
1.81
1.80
1.79
1.78
1.77
1.76
1.75
−20
0
20
40
60
80
100
120 140
−40
−20
0
20
40
60
80
100
120 140
VIN = 4.3 V
VOUT = 3.3 V
CIN = COUT = 1 mF
3.34
3.33
3.32
3.31
3.30
3.29
3.28
3.27
3.26
3.25
IOUT, OUTPUT CURRENT (mA)
0
Figure 5. Ground Current vs. Output Current
600
300
60
120
180
240
TJ = 125°C
TJ = 25°C
TJ = −40°C
VIN, INPUT VOLTAGE (V)
Figure 6. Quiescent Current vs. Input Voltage
60
VIN = 4.3 V
VOUT = 3.3 V
CIN = COUT = 1 mF
540
480
420
360
300
240
180
120
60
0
VIN = 4.3 V
VOUT = 3.3 V
CIN = COUT = 1 mF
0
0.5
1
1.5
2
2.5
4
4.5
5
5.5
3
3.5
TJ = 125°C
TJ = −40°C
TJ = 25°C
54
48
52
36
30
24
18
12
6
0
TJ, JUNCTION TEMPERATURE (°C)
Figure 7. Quiescent Current vs. Temperature
60
TJ, JUNCTION TEMPERATURE (°C)
Figure 8. Line Regulation vs. Temperature
VOUT = 1.8 V
0.1
VIN = 4.3 V
VOUT = 3.3 V
CIN = COUT = 1 mF
VIN = 2.8 V
VOUT = 1.8 V
CIN = COUT = 1 mF
58
56
54
52
50
48
46
44
42
40
−40
−20
0
20
40
60
80
100
120 140
−40
−20
0
20
40
60
80
100
120 140
0.08
0.06
0.04
0.02
0
−0.02
−0.04
−0.06
0.08
−0.1


Similar Part No. - NCV8154MN300300TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8154MN300300TBG ONSEMI-NCV8154MN300300TBG Datasheet
854Kb / 16P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
April, 2015 ??Rev. 3
NCV8154MN300300TBG ONSEMI-NCV8154MN300300TBG Datasheet
871Kb / 18P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
June, 2016 ??Rev. 6
More results

Similar Description - NCV8154MN300300TBG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
TS1582 TSC-TS1582 Datasheet
135Kb / 7P
   3A Dual Input Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
L1581 ETC-L1581 Datasheet
116Kb / 6P
   Dual Input Ultra Low Dropout Voltage Regulator (ULDO)
logo
Global Mixed-mode Techn...
G969A GMT-G969A Datasheet
43Kb / 1P
   1.5A Low Dropout Regulator with Dual Input Voltage
logo
Micrel Semiconductor
MIC49150 MICREL-MIC49150_06 Datasheet
344Kb / 13P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49300 MICREL-MIC49300 Datasheet
68Kb / 8P
   3.0A LOW VOLTAGE LDO REGULATOR W/DUAL INPUT VOLTAGES
logo
ON Semiconductor
NCV8154 ONSEMI-NCV8154 Datasheet
854Kb / 16P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
April, 2015 ??Rev. 3
NCP154 ONSEMI-NCP154_15 Datasheet
584Kb / 18P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
January, 2015 ??Rev. 2
logo
Micrel Semiconductor
MIC49300 MICREL-MIC49300_05 Datasheet
597Kb / 8P
   3.0A Low Voltage LDO Regulator w/Dual Input Voltages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com