Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8186BMN175TAG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV8186BMN175TAG
Description  Fast Transient Response Low Voltage
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8186BMN175TAG Datasheet(HTML) 5 Page - ON Semiconductor

  NCV8186BMN175TAG Datasheet HTML 1Page - ON Semiconductor NCV8186BMN175TAG Datasheet HTML 2Page - ON Semiconductor NCV8186BMN175TAG Datasheet HTML 3Page - ON Semiconductor NCV8186BMN175TAG Datasheet HTML 4Page - ON Semiconductor NCV8186BMN175TAG Datasheet HTML 5Page - ON Semiconductor NCV8186BMN175TAG Datasheet HTML 6Page - ON Semiconductor NCV8186BMN175TAG Datasheet HTML 7Page - ON Semiconductor NCV8186BMN175TAG Datasheet HTML 8Page - ON Semiconductor NCV8186BMN175TAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NCV8186
www.onsemi.com
5
TYPICAL CHARACTERISTICS
VIN = VOUT−NOM + 0.5 V or VIN = 1.8 V whatever is greater, VEN = 1.2 V, IOUT = 1 mA, CIN = COUT = 1.0 mF, TJ = 25°C.
Figure 9. Quiescent Current vs. Temperature
Figure 10. Quiescent Current vs. Input Voltage
TEMPERATURE (
°C)
INPUT VOLTAGE (V)
100
80
60
40
20
0
−20
−40
60
70
80
90
100
120
5.0
4.5
4.0
3.0
2.5
2.0
50
70
100
110
120
Figure 11. Standby Current vs. Temperature
Figure 12. Short Circuit Current vs.
Temperature
TEMPERATURE (
°C)
TEMPERATURE (
°C)
100
80
60
20
−20
−40
0
0.1
0.3
0.4
0.5
0.7
0.8
1.0
100
80
60
40
20
0
−20
−40
1.1
1.2
1.4
1.6
1.8
1.9
Figure 13. Output Current Limit vs.
Temperature
Figure 14. Enable Threshold Voltage vs.
Temperature
TEMPERATURE (
°C)
TEMPERATURE (
°C)
1.1
1.2
1.4
1.5
1.7
1.8
2.0
100
80
60
40
20
0
−20
−40
0.4
0.5
0.6
0.9
1.0
VEN = 0 V
120
110
IOUT = 0 mA
60
80
90
VOUT−FORCED = 0 V
120
120
0.7
0.8
IOUT = 0 mA
TJ = 125°C
TJ = −40°C
TJ = 25°C
3.5
5.5
0
40
120
0.2
0.6
0.9
1.3
1.5
1.7
2.0
VOUT−FORCED = 90% of VOUT−NOM
100
80
60
20
−20
−40
0
40
120
1.3
1.6
1.9
OFF −> ON
ON −> OFF
VOUT−NOM = 1.75 V
VOUT−NOM = 1.75 V
VOUT−NOM = 1.75 V
VOUT−NOM = 1.75 V
VOUT−NOM = 1.75 V
VOUT−NOM = 1.75 V


Similar Part No. - NCV8186BMN175TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8186BMN175TAG ONSEMI-NCV8186BMN175TAG Datasheet
211Kb / 10P
   Fast Transient Response Low Voltage 1 A LDO
June, 2016 ??Rev. 0
More results

Similar Description - NCV8186BMN175TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186 Datasheet
211Kb / 10P
   Fast Transient Response Low Voltage 1 A LDO
June, 2016 ??Rev. 0
logo
Texas Instruments
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
logo
ON Semiconductor
NCP186 ONSEMI-NCP186 Datasheet
334Kb / 13P
   Fast Transient Response Low Voltage 1 A LDO
June, 2015 ??Rev. 0
logo
Monolithic Power System...
MP20046 MPS-MP20046 Datasheet
501Kb / 14P
   Fast Transient Response, 2A Low Dropout Voltage Regulator
logo
Texas Instruments
TPS75801 TI-TPS75801_15 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI1-TPS75801_16 Datasheet
988Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75833KCG3 TI-TPS75833KCG3 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
logo
ON Semiconductor
NCP176 ONSEMI-NCP176 Datasheet
256Kb / 11P
   Fast Transient Response Low Voltage 500 mA LDO
July, 2015 ??Rev. 3
logo
M.S. Kennedy Corporatio...
MSK5140-15 MSK-MSK5140-15_15 Datasheet
377Kb / 8P
   Fast Transient Response
logo
International Rectifier
IRUH330133B IRF-IRUH330133B_15 Datasheet
169Kb / 9P
   Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com