Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8160AMX290TBG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV8160AMX290TBG
Description  Ultra-Low Noise and High PSRR LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8160AMX290TBG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV8160AMX290TBG Datasheet HTML 2Page - ON Semiconductor NCV8160AMX290TBG Datasheet HTML 3Page - ON Semiconductor NCV8160AMX290TBG Datasheet HTML 4Page - ON Semiconductor NCV8160AMX290TBG Datasheet HTML 5Page - ON Semiconductor NCV8160AMX290TBG Datasheet HTML 6Page - ON Semiconductor NCV8160AMX290TBG Datasheet HTML 7Page - ON Semiconductor NCV8160AMX290TBG Datasheet HTML 8Page - ON Semiconductor NCV8160AMX290TBG Datasheet HTML 9Page - ON Semiconductor NCV8160AMX290TBG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NCV8160
www.onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 9. Ground Current vs. Load Current −
VOUT = 1.8 V
IOUT, OUTPUT CURRENT (mA)
225
175
150
125
100
75
25
0
0
0.15
0.45
0.60
0.90
1.05
1.35
1.50
0.30
0.75
1.20
50
200
250
VIN = 2.8 V
VOUT = 1.8 V
CIN = 1 mF
COUT = 1 mF
TJ = 125°C
TJ = 25°C
TJ = −40°C
Figure 10. Ground Current vs. Load Current −
VOUT = 3.3 V
IOUT, OUTPUT CURRENT (mA)
225
175
150
125
75
50
25
0
0
0.15
0.45
0.60
0.90
1.05
1.35
1.50
VIN = 4.3 V
VOUT = 3.3 V
CIN = 1 mF
COUT = 1 mF
TJ = 125°C
TJ = 25°C
TJ = −40°C
100
200
250
0.30
0.75
1.20
Figure 11. Dropout Voltage vs. Load Current −
VOUT = 1.8 V
Figure 12. Dropout Voltage vs. Load Current −
VOUT = 3.3 V
IOUT, OUTPUT CURRENT (mA)
IOUT, OUTPUT CURRENT (mA)
225
200
150
100
75
50
25
0
0
25
75
100
150
175
225
250
225
200
150
125
100
50
25
0
0
15
45
60
75
120
150
Figure 13. Dropout Voltage vs. Temperature−
VOUT = 1.8 V
TJ, JUNCTION TEMPERATURE (°C)
120
100
80
60
20
0
−20
−40
0
25
75
100
150
175
225
250
VOUT = 1.8 V
CIN = 1 mF
COUT = 1 mF
TJ = 125°C
TJ = 25°C
TJ = −40°C
50
125
200
125
175
250
VOUT = 3.3 V
CIN = 1 mF
COUT = 1 mF
TJ = 125°C
TJ = 25°C
TJ = −40°C
75
175
250
30
105
135
90
40
140
50
125
200
IOUT = 0 mA
IOUT = 250 mA
VOUT = 1.8 V
CIN = 1 mF
COUT = 1 mF
Figure 14. Dropout Voltage vs. Temperature−
VOUT = 3.3 V
TJ, JUNCTION TEMPERATURE (°C)
120
100
80
60
20
0
−20
−40
0
15
45
60
90
105
135
150
40
140
30
75
120
IOUT = 0 mA
IOUT = 250 mA
VOUT = 3.3 V
CIN = 1 mF
COUT = 1 mF


Similar Part No. - NCV8160AMX290TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8161 ONSEMI-NCV8161 Datasheet
633Kb / 16P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1
NCV8161AMX180TBG ONSEMI-NCV8161AMX180TBG Datasheet
633Kb / 16P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1
NCV8161AMX250TBG ONSEMI-NCV8161AMX250TBG Datasheet
633Kb / 16P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1
NCV8161AMX280TBG ONSEMI-NCV8161AMX280TBG Datasheet
633Kb / 16P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1
NCV8161AMX290TBG ONSEMI-NCV8161AMX290TBG Datasheet
633Kb / 16P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1
More results

Similar Description - NCV8160AMX290TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8161 ONSEMI-NCV8161 Datasheet
633Kb / 16P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
ON Semiconductor
NCV8163 ONSEMI-NCV8163 Datasheet
696Kb / 16P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
April, 2018 ??Rev. 2
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
ON Semiconductor
NCP161 ONSEMI-NCP161_16 Datasheet
731Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator
August, 2016 ??Rev. 7
NCP163 ONSEMI-NCP163 Datasheet
469Kb / 13P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
October, 2016 ??Rev. 0
logo
YOBON TECHNOLOGIES,INC.
YB1200 YOBON-YB1200 Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
logo
ACE Technology Co., LTD...
ACE527H ACE-ACE527H Datasheet
1Mb / 16P
   Low Noise, High PSRR LDO Regulator
VER 1.3
logo
Asahi Kasei Microsystem...
AK1110AEU AKM-AK1110AEU_17 Datasheet
1Mb / 19P
   2ch Output, Ultra High PSRR, Ultra Low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com