Electronic Components Datasheet Search |
|
NCV8130BMX130TCG Datasheet(PDF) 1 Page - ON Semiconductor |
|
NCV8130BMX130TCG Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 10 page © Semiconductor Components Industries, LLC, 2017 June, 2017 − Rev. 0 1 Publication Order Number: NCV8130/D NCV8130 300 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator The NCV8130 is a 300 mA VLDO equipped with NMOS pass transistor and a separate bias supply voltage (VBIAS). The device provides very stable, accurate output voltage with low noise suitable for space constrained, noise sensitive applications. In order to optimize performance for battery operated portable applications, the NCV8130 features low IQ consumption. The XDFN6 1.2 mm x 1.2 mm package is optimized for use in space constrained applications. Features • Input Voltage Range: 0.8 V to 5.5 V • Bias Voltage Range: 2.4 V to 5.5 V • Fixed Output Voltage Device • Output Voltage Range: 0.8 V to 2.1 V • ±1.5% Accuracy over Temperature, 0.5% VOUT @ 25°C • Ultra−Low Dropout: 150 mV Maximum at 300 mA • Very Low Bias Input Current of Typ. 80 mA • Very Low Bias Input Current in Disable Mode: Typ. 0.5 mA • Logic Level Enable Input for ON/OFF Control • Output Active Discharge Option Available • Stable with a 1 mF Ceramic Capacitor • NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable; Device Temperature Grade 1: −40 °C to +125 °C Ambient Operating Temperature Range • These are Pb−Free Devices Typical Applications • Automotive, Consumer and Industrial Equipment Point of Load Regulation • Battery−powered Equipment • FPGA, DSP and Logic Power Supplies • Switching Power Supply Post Regulation • Cameras, DVRs, STB and Camcorders BIAS IN EN OUT GND 1 mF VOUT 1.0 V @ 300 mA VBIAS 2.7 V VIN 1.3 V VEN 1 mF 100 nF NCV8130 Figure 1. Typical Application Schematics www.onsemi.com See detailed ordering, marking and shipping information on page 9 of this data sheet. ORDERING INFORMATION MARKING DIAGRAM XDFN6 CASE 711AT PIN CONNECTIONS Thermal T Pad 1 2 3 6 5 4 OUT NC EN IN GND BIAS (Top VIew) XX M XX = Specific Device Code M = Date Code |
Similar Part No. - NCV8130BMX130TCG |
|
Similar Description - NCV8130BMX130TCG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |