Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8154 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV8154
Description  Dual Input Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8154 Datasheet(HTML) 4 Page - ON Semiconductor

  NCV8154_17 Datasheet HTML 1Page - ON Semiconductor NCV8154_17 Datasheet HTML 2Page - ON Semiconductor NCV8154_17 Datasheet HTML 3Page - ON Semiconductor NCV8154_17 Datasheet HTML 4Page - ON Semiconductor NCV8154_17 Datasheet HTML 5Page - ON Semiconductor NCV8154_17 Datasheet HTML 6Page - ON Semiconductor NCV8154_17 Datasheet HTML 7Page - ON Semiconductor NCV8154_17 Datasheet HTML 8Page - ON Semiconductor NCV8154_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NCV8154
www.onsemi.com
4
Table 5. ELECTRICAL CHARACTERISTICS
(−40
°C ≤ TJ ≤ 125°C; VIN =VOUT(NOM) + 1 V or 2.5 V, whichever is greater; VEN = 0.9 V, IOUT = 1 mA, CIN =COUT =1 mF.
Typical values are at TJ = +25°C. Min/Max values are specified for TJ = −40°C and TJ = 125°C respectively.) (Note 4)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VIN
1.9
5.25
V
Output Voltage Accuracy
−40
°C ≤ TJ ≤ 125°C
VOUT > 2 V
VOUT
−3
+3
%
VOUT ≤ 2 V
−60
+60
mV
Line Regulation
VOUT + 0.5 V ≤ VIN ≤ 5 V
RegLINE
0.02
0.2
%/V
Load Regulation
IOUT = 1 mA to 300 mA
DFN10
RegLOAD
15
40
mV
WDFN6
25
45
Dropout Voltage (Note 5)
IOUT = 300 mA
VOUT(nom) = 1.8 V
VDO
335
430
mV
VOUT(nom) = 2.8 V
160
290
VOUT(nom) = 3.3 V
140
270
Output Current Limit
VOUT = 90% VOUT(nom)
ICL
400
mA
Quiescent Current
IOUT = 0 mA, EN1 = VIN, EN2 = 0 V or EN2 = VIN,
EN1 = 0 V
IQ
55
100
mA
IOUT1 = IOUT2 = 0 mA, VEN1 = VEN2 = VIN
IQ
110
200
Shutdown current (Note 6)
VEN ≤ 0.4 V, VIN = 5.25 V
IDIS
0.1
1
mA
EN Pin Threshold Voltage
High Threshold
Low Threshold
VEN Voltage increasing
VEN Voltage decreasing
VEN_HI
VEN_LO
0.9
0.4
V
EN Pin Input Current
VEN = VIN = 5.25 V
IEN
0.3
1.0
mA
Power Supply Rejection Ratio
VIN = VOUT + 1 V for VOUT > 2 V, VIN =
2.5 V, for VOUT ≤ 2 V, IOUT = 10 mA
f = 1 kHz
PSRR
75
dB
Output Noise Voltage
f = 10 Hz to 100 kHz
VN
75
mVrms
Active Discharge Resistance
VIN = 4 V, VEN < 0.4 V
RDIS
50
W
Thermal Shutdown Temperature
Temperature increasing from TJ = +25°C
TSD
160
°C
Thermal Shutdown Hysteresis
Temperature falling from TSD
TSDH
20
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Performance guaranteed over the indicated operating temperature range by design and/or characterization. Production tested at
TJ =TA =25°C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
5. Characterized when VOUT falls 100 mV below the regulated voltage at VIN =VOUT(NOM) +1V.
6. Shutdown Current is the current flowing into the IN pin when the device is in the disable state.


Similar Part No. - NCV8154_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8154 ONSEMI-NCV8154_16 Datasheet
871Kb / 18P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
June, 2016 ??Rev. 6
More results

Similar Description - NCV8154_17

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
TS1582 TSC-TS1582 Datasheet
135Kb / 7P
   3A Dual Input Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
L1581 ETC-L1581 Datasheet
116Kb / 6P
   Dual Input Ultra Low Dropout Voltage Regulator (ULDO)
logo
Global Mixed-mode Techn...
G969A GMT-G969A Datasheet
43Kb / 1P
   1.5A Low Dropout Regulator with Dual Input Voltage
logo
Micrel Semiconductor
MIC49150 MICREL-MIC49150_06 Datasheet
344Kb / 13P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49300 MICREL-MIC49300 Datasheet
68Kb / 8P
   3.0A LOW VOLTAGE LDO REGULATOR W/DUAL INPUT VOLTAGES
logo
ON Semiconductor
NCV8154 ONSEMI-NCV8154 Datasheet
854Kb / 16P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
April, 2015 ??Rev. 3
NCP154 ONSEMI-NCP154_15 Datasheet
584Kb / 18P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
January, 2015 ??Rev. 2
logo
Micrel Semiconductor
MIC49300 MICREL-MIC49300_05 Datasheet
597Kb / 8P
   3.0A Low Voltage LDO Regulator w/Dual Input Voltages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com