Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8130BMX100TCG Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV8130BMX100TCG
Description  Very Low Dropout Bias Rail CMOS Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8130BMX100TCG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV8130BMX100TCG Datasheet HTML 2Page - ON Semiconductor NCV8130BMX100TCG Datasheet HTML 3Page - ON Semiconductor NCV8130BMX100TCG Datasheet HTML 4Page - ON Semiconductor NCV8130BMX100TCG Datasheet HTML 5Page - ON Semiconductor NCV8130BMX100TCG Datasheet HTML 6Page - ON Semiconductor NCV8130BMX100TCG Datasheet HTML 7Page - ON Semiconductor NCV8130BMX100TCG Datasheet HTML 8Page - ON Semiconductor NCV8130BMX100TCG Datasheet HTML 9Page - ON Semiconductor NCV8130BMX100TCG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NCV8130
www.onsemi.com
9
ORDERING INFORMATION
Device
Nominal
Output
Voltage
Marking
Option
Package
Shipping
NCV8130BMX080TCG
0.80 V
NL
Non−Active Discharge
XDFN6
(Pb−Free)
3000 / Tape & Reel
NCV8130BMX100TCG
1.00 V
NF
NCV8130BMX110TCG
1.10 V
NG
NCV8130BMX120TCG
1.20 V
NA
NCV8130BMX130TCG
1.30 V
NC
NCV8130BMX150TCG
1.50 V
ND
NCV8130BMX180TCG
1.80 V
NE
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Spe-
cifications Brochure, BRD8011/D.
To order other package and voltage variants, please contact your ON sales representative.


Similar Part No. - NCV8130BMX100TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8133 ONSEMI-NCV8133 Datasheet
266Kb / 11P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1
NCV8133BMX080TCG ONSEMI-NCV8133BMX080TCG Datasheet
266Kb / 11P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1
NCV8133BMX100TCG ONSEMI-NCV8133BMX100TCG Datasheet
266Kb / 11P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1
NCV8133BMX110TCG ONSEMI-NCV8133BMX110TCG Datasheet
266Kb / 11P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1
NCV8133BMX120TCG ONSEMI-NCV8133BMX120TCG Datasheet
266Kb / 11P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1
More results

Similar Description - NCV8130BMX100TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8720 ONSEMI-NCV8720 Datasheet
349Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
December, 2016 ??Rev. 1
NCP720 ONSEMI-NCP720_16 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 1
NCP120 ONSEMI-NCP120 Datasheet
136Kb / 8P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 2
NCV8133 ONSEMI-NCV8133 Datasheet
266Kb / 11P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1
NCP720 ONSEMI-NCP720 Datasheet
346Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
April, 2015 ??Rev. 0
NCP720 ONSEMI-NCP720_17 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
May, 2017 ??Rev. 2
NCP134 ONSEMI-NCP134_16 Datasheet
172Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2016 ??Rev. 2
NCP145 ONSEMI-NCP145 Datasheet
279Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2018 ??Rev. 1
NCP130 ONSEMI-NCP130 Datasheet
146Kb / 9P
   300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 3
NCP130 ONSEMI-NCP130_15 Datasheet
153Kb / 9P
   300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com