Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGHU200-CV140 Datasheet(PDF) 6 Page - PAIRUI GROUP INC.

Part # LGHU200-CV140
Description  NFC Programmable LED Power Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LGHU200-CV140 Datasheet(HTML) 6 Page - PAIRUI GROUP INC.

Back Button LGHU200-CV140 Datasheet HTML 2Page - PAIRUI GROUP INC. LGHU200-CV140 Datasheet HTML 3Page - PAIRUI GROUP INC. LGHU200-CV140 Datasheet HTML 4Page - PAIRUI GROUP INC. LGHU200-CV140 Datasheet HTML 5Page - PAIRUI GROUP INC. LGHU200-CV140 Datasheet HTML 6Page - PAIRUI GROUP INC. LGHU200-CV140 Datasheet HTML 7Page - PAIRUI GROUP INC. LGHU200-CV140 Datasheet HTML 8Page - PAIRUI GROUP INC. LGHU200-CV140 Datasheet HTML 9Page - PAIRUI GROUP INC. LGHU200-CV140 Datasheet HTML 10Page - PAIRUI GROUP INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Environment
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Ambient operating
temperature
Startup at rated voltage
(Derating required)
-35
+70
Operating relative
humidity
Non condensing
10
100
%
Storagetemperature
Humidity 5 ~ 100% RH
-
40
+
85
MTBF
Fullload, 220Vac input, 25
℃ambient
temperature(MIL-HDBK-217)
200
Khrs
Temperature coefficient
±0.05%℃(0~50℃)
Vibration
10~500Hz, 5G 12min./1 cycle, period for 72 min. each along X,Y,Z axes
Waterproof rating
IP67
Dimension(LxWxH)
227.0 x 70.0 x 37.0mm
Weight
840g
PRODUCT SPECIFICATION
led power supplies
www.pairuigroup.com
PAIRUI ELECTRONICS
Updated 2017-V1.0-0111
Page:5/10
Safety/EMC
Safety
Design refer to UL8750, UL935, CSA-C22.2 No.107.1, EN61347-1, EN61347-2-13
Withstand Voltage
I/P-O/P: 3.75KVAC
Isolation
resistance
I/P-O/P: 100M ohms/500VDC/25℃/70%RH
EMC Emission
Compliance to EN55015, EN61000-3-2 Class C(≥60% load), EN61000-3-3
EMC Immunity
Compliance to EN61000-4-2, 3, 4, 5, 6, 8, 11, EN61547, EN55024
NOTE: Unless otherwise specified, all the above parameters are measured at ambient temperature of
25
andVin=100Vac to 277Vac.


Similar Part No. - LGHU200-CV140

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LGHU-120CV PAIRUI-LGHU-120CV Datasheet
591Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-160CV PAIRUI-LGHU-160CV Datasheet
587Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-40CV PAIRUI-LGHU-40CV Datasheet
608Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-60CV PAIRUI-LGHU-60CV Datasheet
559Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-75CV PAIRUI-LGHU-75CV Datasheet
579Kb / 12P
   NFC Programmable LED Power Supplies
More results

Similar Description - LGHU200-CV140

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LGHU-40CV PAIRUI-LGHU-40CV Datasheet
608Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-160CV PAIRUI-LGHU-160CV Datasheet
587Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-75CV PAIRUI-LGHU-75CV Datasheet
579Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-96CV PAIRUI-LGHU-96CV Datasheet
585Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-60CV PAIRUI-LGHU-60CV Datasheet
559Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-120CV PAIRUI-LGHU-120CV Datasheet
591Kb / 12P
   NFC Programmable LED Power Supplies
logo
TDK Electronics
GSPS500-120-3P208 TDK-GSPS500-120-3P208 Datasheet
171Kb / 2P
   Programmable Power Supplies
May 04, 2022
Z10-20-LAN-U TDK-Z10-20-LAN-U Datasheet
135Kb / 2P
   Programmable Power Supplies
May 04, 2022
Z10-40-LAN-L-U TDK-Z10-40-LAN-L-U Datasheet
177Kb / 2P
   Programmable Power Supplies
May 04, 2022
Z20-10-LAN-U TDK-Z20-10-LAN-U Datasheet
135Kb / 2P
   Programmable Power Supplies
May 09, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com