Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV4949A Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV4949A
Description  Low Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4949A Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV4949A_17 Datasheet HTML 3Page - ON Semiconductor NCV4949A_17 Datasheet HTML 4Page - ON Semiconductor NCV4949A_17 Datasheet HTML 5Page - ON Semiconductor NCV4949A_17 Datasheet HTML 6Page - ON Semiconductor NCV4949A_17 Datasheet HTML 7Page - ON Semiconductor NCV4949A_17 Datasheet HTML 8Page - ON Semiconductor NCV4949A_17 Datasheet HTML 9Page - ON Semiconductor NCV4949A_17 Datasheet HTML 10Page - ON Semiconductor NCV4949A_17 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NCV4949A
www.onsemi.com
7
APPLICATION INFORMATION
Supply Voltage Transient
High supply voltage transients can cause a reset output
signal perturbation. For supply voltages greater than 8.0 V
the circuit shows a high immunity of the reset output against
supply transients of more than 100 V/
ms. For supply voltages
less than 8.0 V supply transients of more than 0.4 V/
ms can
cause a reset signal perturbation. To improve the transient
behavior for supply voltages less than 8.0 V a capacitor at
Pin 3 can be used. A capacitor at Pin 3 (C3
≤ 1.0 mF) also
reduces the output noise.
So
VZ
(optional)
Vout
Vout
Vbat
Cs
CO
C3
RSO 10 kW
Regulator
1.23 Vref
2.0 V
2.0
mA
Reset
1.23 V
Sense
GND
Reset
Si
VCC
CT
38
4
6
7
5
2
1
VCC
+
-
+
-
Preregulator
6.0 V
10 k
W
Figure 14. Application Schematic
NOTE:
1.
For stability: Cs ≥ 1.0 mF, CO ≥ 4.7 mF, ESR < 10 W at 10 kHz
2.
Recommended for application: Cs = 10 mF, CO = 10 mF to 74 mF @ TA = 125°C
By using higher Cs it is possible to use higher CO.
RSI2
RSI1
CSI
CCT
RReset


Similar Part No. - NCV4949A_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4949ADR2G ONSEMI-NCV4949ADR2G Datasheet
203Kb / 9P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
June, 2010 -- Rev. 0
NCV4949APDR2G ONSEMI-NCV4949APDR2G Datasheet
174Kb / 11P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
November, 2010 ??Rev. 1
More results

Similar Description - NCV4949A_17

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com