Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGHU96-CV48 Datasheet(PDF) 4 Page - PAIRUI GROUP INC.

Part # LGHU96-CV48
Description  NFC Programmable LED Power Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LGHU96-CV48 Datasheet(HTML) 4 Page - PAIRUI GROUP INC.

  LGHU96-CV48 Datasheet HTML 1Page - PAIRUI GROUP INC. LGHU96-CV48 Datasheet HTML 2Page - PAIRUI GROUP INC. LGHU96-CV48 Datasheet HTML 3Page - PAIRUI GROUP INC. LGHU96-CV48 Datasheet HTML 4Page - PAIRUI GROUP INC. LGHU96-CV48 Datasheet HTML 5Page - PAIRUI GROUP INC. LGHU96-CV48 Datasheet HTML 6Page - PAIRUI GROUP INC. LGHU96-CV48 Datasheet HTML 7Page - PAIRUI GROUP INC. LGHU96-CV48 Datasheet HTML 8Page - PAIRUI GROUP INC. LGHU96-CV48 Datasheet HTML 9Page - PAIRUI GROUP INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
INPUT
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input voltage
90
305
Vac
Input frequency
47
63
Hz
Input current
Full load, Vin=115Vac
Full load, Vin=230Vac
0.94
0.45
A
A
Inrush current
Cold start, Vin=230Vac
65
A
Power factor(PF)
Full load, Vin=115Vac
Full load, Vin=230Vac
0.99
0.97
Efficiency
Full load, Vin=115Vac
Full load, Vin=230Vac
87
90
%
%
Surge voltage
L-N
L, N-FG
4
6
KV
KV
PRODUCT SPECIFICATION
led power supplies
www.pairuigroup.com
PAIRUI ELECTRONICS
Updated 2017-V1.0-0111
Page:3/10


Similar Part No. - LGHU96-CV48

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LGHU-120CV PAIRUI-LGHU-120CV Datasheet
591Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-160CV PAIRUI-LGHU-160CV Datasheet
587Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-200CV PAIRUI-LGHU-200CV Datasheet
587Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-40CV PAIRUI-LGHU-40CV Datasheet
608Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-60CV PAIRUI-LGHU-60CV Datasheet
559Kb / 12P
   NFC Programmable LED Power Supplies
More results

Similar Description - LGHU96-CV48

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LGHU-40CV PAIRUI-LGHU-40CV Datasheet
608Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-160CV PAIRUI-LGHU-160CV Datasheet
587Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-75CV PAIRUI-LGHU-75CV Datasheet
579Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-200CV PAIRUI-LGHU-200CV Datasheet
587Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-60CV PAIRUI-LGHU-60CV Datasheet
559Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-120CV PAIRUI-LGHU-120CV Datasheet
591Kb / 12P
   NFC Programmable LED Power Supplies
logo
TDK Electronics
GSPS500-120-3P208 TDK-GSPS500-120-3P208 Datasheet
171Kb / 2P
   Programmable Power Supplies
May 04, 2022
Z10-20-LAN-U TDK-Z10-20-LAN-U Datasheet
135Kb / 2P
   Programmable Power Supplies
May 04, 2022
Z10-40-LAN-L-U TDK-Z10-40-LAN-L-U Datasheet
177Kb / 2P
   Programmable Power Supplies
May 04, 2022
Z20-10-LAN-U TDK-Z20-10-LAN-U Datasheet
135Kb / 2P
   Programmable Power Supplies
May 09, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com