Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGHU75-CV48 Datasheet(PDF) 8 Page - PAIRUI GROUP INC.

Part # LGHU75-CV48
Description  NFC Programmable LED Power Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LGHU75-CV48 Datasheet(HTML) 8 Page - PAIRUI GROUP INC.

Back Button LGHU75-CV48 Datasheet HTML 4Page - PAIRUI GROUP INC. LGHU75-CV48 Datasheet HTML 5Page - PAIRUI GROUP INC. LGHU75-CV48 Datasheet HTML 6Page - PAIRUI GROUP INC. LGHU75-CV48 Datasheet HTML 7Page - PAIRUI GROUP INC. LGHU75-CV48 Datasheet HTML 8Page - PAIRUI GROUP INC. LGHU75-CV48 Datasheet HTML 9Page - PAIRUI GROUP INC. LGHU75-CV48 Datasheet HTML 10Page - PAIRUI GROUP INC. LGHU75-CV48 Datasheet HTML 11Page - PAIRUI GROUP INC. LGHU75-CV48 Datasheet HTML 12Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PRODUCT SPECIFICATION
led power supplies
Electrical Curve
Temperature()
Input voltage
(Vac)
DERATING CURVE
STATIC CHARACTERISTIC CURVE
www.pairuigroup.com
PAIRUI ELECTRONICS
0.98
0.94
0.86
0.82
0.78
0.74
50
60
70
80
90
100
Load
(%)
20%
50
60
70
80
90
100
Load
(%)
15%
10%
5%
0%
92
90
88
86
84
82
50
60
70
80
90
100
Load
(%)
135
120
105
90
75
60
45
30
15
0
45
50
55
60
65
70
75
80
85
90
Case Temperature(℃)
100
80
40
20
-30
-15
0
15
30 40
50
60 70
100
80
40
20
90
100 120 150 180 210 240 270 305
PF vs Load
THD vs Load
Efficiency vs Load
Lifetime vs Tc
Updated 2017-V1.0-0111
Page:7/10
0.90
80
120V Input
220V Input
277V Input


Similar Part No. - LGHU75-CV48

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LGHU-120CV PAIRUI-LGHU-120CV Datasheet
591Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-160CV PAIRUI-LGHU-160CV Datasheet
587Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-200CV PAIRUI-LGHU-200CV Datasheet
587Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-40CV PAIRUI-LGHU-40CV Datasheet
608Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-60CV PAIRUI-LGHU-60CV Datasheet
559Kb / 12P
   NFC Programmable LED Power Supplies
More results

Similar Description - LGHU75-CV48

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LGHU-40CV PAIRUI-LGHU-40CV Datasheet
608Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-160CV PAIRUI-LGHU-160CV Datasheet
587Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-96CV PAIRUI-LGHU-96CV Datasheet
585Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-200CV PAIRUI-LGHU-200CV Datasheet
587Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-60CV PAIRUI-LGHU-60CV Datasheet
559Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-120CV PAIRUI-LGHU-120CV Datasheet
591Kb / 12P
   NFC Programmable LED Power Supplies
logo
TDK Electronics
GSPS500-120-3P208 TDK-GSPS500-120-3P208 Datasheet
171Kb / 2P
   Programmable Power Supplies
May 04, 2022
Z10-20-LAN-U TDK-Z10-20-LAN-U Datasheet
135Kb / 2P
   Programmable Power Supplies
May 04, 2022
Z10-40-LAN-L-U TDK-Z10-40-LAN-L-U Datasheet
177Kb / 2P
   Programmable Power Supplies
May 04, 2022
Z20-10-LAN-U TDK-Z20-10-LAN-U Datasheet
135Kb / 2P
   Programmable Power Supplies
May 09, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com