Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGHU-60CV Datasheet(PDF) 9 Page - PAIRUI GROUP INC.

Part # LGHU-60CV
Description  NFC Programmable LED Power Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LGHU-60CV Datasheet(HTML) 9 Page - PAIRUI GROUP INC.

Back Button LGHU-60CV Datasheet HTML 4Page - PAIRUI GROUP INC. LGHU-60CV Datasheet HTML 5Page - PAIRUI GROUP INC. LGHU-60CV Datasheet HTML 6Page - PAIRUI GROUP INC. LGHU-60CV Datasheet HTML 7Page - PAIRUI GROUP INC. LGHU-60CV Datasheet HTML 8Page - PAIRUI GROUP INC. LGHU-60CV Datasheet HTML 9Page - PAIRUI GROUP INC. LGHU-60CV Datasheet HTML 10Page - PAIRUI GROUP INC. LGHU-60CV Datasheet HTML 11Page - PAIRUI GROUP INC. LGHU-60CV Datasheet HTML 12Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PRODUCT SPECIFICATION
led power supplies
Dimming Function
0-10V Dimming & PWM Dimming
www.pairuigroup.com
PAIRUI ELECTRONICS
Vdim
100%
80%
60%
40%
20%
0%
0
1
2
3
4
7
8
9
10
5
6
Non-dim-to-off
100%
80%
60%
40%
20%
0%
0.8
Dim-to-off
0%
10% 20% 30% 40%
70% 80% 90% 100%
50% 60%
PWM Duty
Vdim
0
1
2
3
4
7
8
9
10
5
6
0%
10% 20% 30% 40%
70% 80% 90% 100%
50% 60%
PWM Duty
GND
Gery
Input Source Current
0-10mA
Dimming wire
0-10V & PWM
Purple
10V AUX Source
Current
20mA
10V AUX
Yellow
PWM Frequency Range
0.5~3KHz
Input Dimming Voltage
0-10V
PWM High Level
10V
NOTE: 1. Io is actual output current, and Ir is rated current without dimming control;
2. For the driver to operate properly, the load voltage must be in the working voltage range;
3. The driver has dim-to-off option that can be programmed by the NFC controller;
4. Maximum input voltage at dimming wire is 12V;
5. AUX wire is only for source, it cannot connect to other voltage source.
Updated 2017-V1.0-0111
Page:8/10


Similar Part No. - LGHU-60CV

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LGHU-120CV PAIRUI-LGHU-120CV Datasheet
591Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-160CV PAIRUI-LGHU-160CV Datasheet
587Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-200CV PAIRUI-LGHU-200CV Datasheet
587Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-40CV PAIRUI-LGHU-40CV Datasheet
608Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-75CV PAIRUI-LGHU-75CV Datasheet
579Kb / 12P
   NFC Programmable LED Power Supplies
More results

Similar Description - LGHU-60CV

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LGHU-40CV PAIRUI-LGHU-40CV Datasheet
608Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-160CV PAIRUI-LGHU-160CV Datasheet
587Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-75CV PAIRUI-LGHU-75CV Datasheet
579Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-96CV PAIRUI-LGHU-96CV Datasheet
585Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-200CV PAIRUI-LGHU-200CV Datasheet
587Kb / 12P
   NFC Programmable LED Power Supplies
LGHU-120CV PAIRUI-LGHU-120CV Datasheet
591Kb / 12P
   NFC Programmable LED Power Supplies
logo
TDK Electronics
GSPS500-120-3P208 TDK-GSPS500-120-3P208 Datasheet
171Kb / 2P
   Programmable Power Supplies
May 04, 2022
Z10-20-LAN-U TDK-Z10-20-LAN-U Datasheet
135Kb / 2P
   Programmable Power Supplies
May 04, 2022
Z10-40-LAN-L-U TDK-Z10-40-LAN-L-U Datasheet
177Kb / 2P
   Programmable Power Supplies
May 04, 2022
Z20-10-LAN-U TDK-Z20-10-LAN-U Datasheet
135Kb / 2P
   Programmable Power Supplies
May 09, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com