Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGEU60-CV36 Datasheet(PDF) 2 Page - PAIRUI GROUP INC.

Part # LGEU60-CV36
Description  LED Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LGEU60-CV36 Datasheet(HTML) 2 Page - PAIRUI GROUP INC.

  LGEU60-CV36 Datasheet HTML 1Page - PAIRUI GROUP INC. LGEU60-CV36 Datasheet HTML 2Page - PAIRUI GROUP INC. LGEU60-CV36 Datasheet HTML 3Page - PAIRUI GROUP INC. LGEU60-CV36 Datasheet HTML 4Page - PAIRUI GROUP INC. LGEU60-CV36 Datasheet HTML 5Page - PAIRUI GROUP INC. LGEU60-CV36 Datasheet HTML 6Page - PAIRUI GROUP INC. LGEU60-CV36 Datasheet HTML 7Page - PAIRUI GROUP INC. LGEU60-CV36 Datasheet HTML 8Page - PAIRUI GROUP INC. LGEU60-CV36 Datasheet HTML 9Page - PAIRUI GROUP INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PRODUCT SPECIFICATION
led power supplies
LED Power Supplies for Outdoor Use
LGEU-60CV SERIES, 60WATT, IP65 RATING
Features
Applications
Street Light
Tunnel Light
Flood Light
Electrical
Refrigeration Equipment
Series Name
Output Power(W)
Input Voltage Range
U = 90-305Vac
Other Light Fixtures for Outdoor Use
LGE
U
60
Nominal Output Voltage(Vdc)
- CV
48
CV = Constant Current & Constant Voltage Mode
Output Mode
Updated 2016-V1.0-0720
5 Year Warranty
Universal Input Voltage Range: 90~305Vac
Adjustable Output Current 60%~100%
Rating IP65, Suitable for Outdoor Applications
All Round Protections: Short Circuit, Over Voltage,
Over Current, Over Temperature
Constant Current & Constant Voltage Mode
3 in 1 Dimming(0-10V/Resistor/PWM)
Dimming
Blank = No Dimming
A = 3 in 1 Dimming
A
www.pairuigroup.com
Page:1/9
PAIRUI ELECTRONICS


Similar Part No. - LGEU60-CV36

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LGEU-100CV PAIRUI-LGEU-100CV Datasheet
811Kb / 10P
   LED Power Supplies
LGEU-120CV PAIRUI-LGEU-120CV Datasheet
776Kb / 10P
   LED Power Supplies
LGEU-150CV PAIRUI-LGEU-150CV Datasheet
780Kb / 10P
   LED Power Supplies
LGEU-200CV PAIRUI-LGEU-200CV Datasheet
777Kb / 10P
   LED Power Supplies
LGEU-250CV PAIRUI-LGEU-250CV Datasheet
785Kb / 10P
   LED Power Supplies
More results

Similar Description - LGEU60-CV36

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LGEU-250CV PAIRUI-LGEU-250CV Datasheet
785Kb / 10P
   LED Power Supplies
LGSU-100C PAIRUI-LGSU-100C Datasheet
721Kb / 10P
   LED Power Supplies
LGSU-150C PAIRUI-LGSU-150C Datasheet
721Kb / 10P
   LED Power Supplies
LGCU-150C PAIRUI-LGCU-150C Datasheet
716Kb / 10P
   LED Power Supplies
LGEU-75CV PAIRUI-LGEU-75CV Datasheet
772Kb / 10P
   LED Power Supplies
LGCU-35C PAIRUI-LGCU-35C Datasheet
646Kb / 8P
   LED Power Supplies
LGCU-60C PAIRUI-LGCU-60C_19 Datasheet
716Kb / 9P
   LED Power Supplies
LGCU-120C PAIRUI-LGCU-120C_19 Datasheet
677Kb / 8P
   LED Power Supplies
LGSU-185C PAIRUI-LGSU-185C_19 Datasheet
834Kb / 10P
   LED Power Supplies
LGSU-250C PAIRUI-LGSU-250C_19 Datasheet
835Kb / 10P
   LED Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com