Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFW60-C1750RL Datasheet(PDF) 8 Page - PAIRUI GROUP INC.

Part # LFW60-C1750RL
Description  Constant Current LED Power Supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LFW60-C1750RL Datasheet(HTML) 8 Page - PAIRUI GROUP INC.

  LFW60-C1750RL Datasheet HTML 1Page - PAIRUI GROUP INC. LFW60-C1750RL Datasheet HTML 2Page - PAIRUI GROUP INC. LFW60-C1750RL Datasheet HTML 3Page - PAIRUI GROUP INC. LFW60-C1750RL Datasheet HTML 4Page - PAIRUI GROUP INC. LFW60-C1750RL Datasheet HTML 5Page - PAIRUI GROUP INC. LFW60-C1750RL Datasheet HTML 6Page - PAIRUI GROUP INC. LFW60-C1750RL Datasheet HTML 7Page - PAIRUI GROUP INC. LFW60-C1750RL Datasheet HTML 8Page - PAIRUI GROUP INC. LFW60-C1750RL Datasheet HTML 9Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PRODUCT SPECIFICATION
led power supplies
Block Diagram
Block Diagram
Rectifier
Filter
EMI Filter
I/P
+V
-V
PFC
Switch
Over Voltage
Protection
Detection
Circuit
PFC
Control
Power
Switch
Overload
Protection
PWM
Control
Over Current
Protection
Rectifier
Filter
Package
L 330 x W 290 x H 280mm
Outer Carton
Inner Box
SERIES
QTY/BOX
QTY/CARTON
NET WEIGHT
GROSS WEIGHT
VOLUME
LFU
-60C
1 piece
36 boxes
14.4kg/carton
16kg/carton
0.03CBM/carton
L 195 x W 65 x H 35mm
Updated 2016-V1.0-0716
www.pairuigroup.com
Page:7/8
PAIRUI ELECTRONICS


Similar Part No. - LFW60-C1750RL

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LFW60-V12RL PAIRUI-LFW60-V12RL Datasheet
477Kb / 9P
   Constant Voltage LED Power Supplies
LFW60-V15RL PAIRUI-LFW60-V15RL Datasheet
477Kb / 9P
   Constant Voltage LED Power Supplies
LFW60-V24RL PAIRUI-LFW60-V24RL Datasheet
477Kb / 9P
   Constant Voltage LED Power Supplies
LFW60-V36RL PAIRUI-LFW60-V36RL Datasheet
477Kb / 9P
   Constant Voltage LED Power Supplies
LFW60-V48RL PAIRUI-LFW60-V48RL Datasheet
477Kb / 9P
   Constant Voltage LED Power Supplies
More results

Similar Description - LFW60-C1750RL

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LCU-20C PAIRUI-LCU-20C Datasheet
576Kb / 10P
   Constant Current LED Power Supplies
LNS-25C PAIRUI-LNS-25C Datasheet
751Kb / 10P
   Constant Current LED Power Supplies
LNS-30C PAIRUI-LNS-30C Datasheet
843Kb / 10P
   Constant Current LED Power Supplies
LNS-100C PAIRUI-LNS-100C Datasheet
701Kb / 10P
   Constant Current LED Power Supplies
LVU24-C400 PAIRUI-LVU24-C400 Datasheet
715Kb / 8P
   Constant Current LED Power Supplies
LXB-45C PAIRUI-LXB-45C Datasheet
658Kb / 7P
   Constant Current LED Power Supplies
LXU-12C PAIRUI-LXU-12C Datasheet
636Kb / 7P
   Constant Current LED Power Supplies
LNS-75C PAIRUI-LNS-75C Datasheet
688Kb / 10P
   Constant Current LED Power Supplies
LTB10-C240 PAIRUI-LTB10-C240 Datasheet
641Kb / 8P
   Constant Current LED Power Supplies
LVU60-C1400 PAIRUI-LVU60-C1400 Datasheet
662Kb / 8P
   Constant Current LED Power Supplies
LFU-35C PAIRUI-LFU-35C Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com