Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFW100-V24L Datasheet(PDF) 1 Page - PAIRUI GROUP INC.

Part # LFW100-V24L
Description  Constant Voltage LED Power Supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LFW100-V24L Datasheet(HTML) 1 Page - PAIRUI GROUP INC.

  LFW100-V24L Datasheet HTML 1Page - PAIRUI GROUP INC. LFW100-V24L Datasheet HTML 2Page - PAIRUI GROUP INC. LFW100-V24L Datasheet HTML 3Page - PAIRUI GROUP INC. LFW100-V24L Datasheet HTML 4Page - PAIRUI GROUP INC. LFW100-V24L Datasheet HTML 5Page - PAIRUI GROUP INC. LFW100-V24L Datasheet HTML 6Page - PAIRUI GROUP INC. LFW100-V24L Datasheet HTML 7Page - PAIRUI GROUP INC. LFW100-V24L Datasheet HTML 8Page - PAIRUI GROUP INC. LFW100-V24L Datasheet HTML 9Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2016-V1.0-0716
Specifications
Constant Voltage LED Power Supplies
LFU-100V Series, 100W
2016
PAIRUI ELECTRONICS
Tel: 86
(514) 8279 1592
Fax: 86 (514) 8769 3159
No. 545 Museum Road
Yangzhou, Jiangsu
China 225009


Similar Part No. - LFW100-V24L

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LFW100-C1050L PAIRUI-LFW100-C1050L Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
LFW100-C1400L PAIRUI-LFW100-C1400L Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
LFW100-C1750L PAIRUI-LFW100-C1750L Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
LFW100-C2100L PAIRUI-LFW100-C2100L Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
LFW100-C2800L PAIRUI-LFW100-C2800L Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
More results

Similar Description - LFW100-V24L

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LEU-35V PAIRUI-LEU-35V_16 Datasheet
473Kb / 9P
   Constant Voltage LED Power Supplies
LEU-100V PAIRUI-LEU-100V_16 Datasheet
469Kb / 9P
   Constant Voltage LED Power Supplies
LFEU35-V PAIRUI-LFEU35-V Datasheet
607Kb / 8P
   Constant Voltage LED Power Supplies
LFEU60-V PAIRUI-LFEU60-V Datasheet
606Kb / 8P
   Constant Voltage LED Power Supplies
LEU-25V PAIRUI-LEU-25V Datasheet
471Kb / 9P
   Constant Voltage LED Power Supplies
LEU-20V PAIRUI-LEU-20V_16 Datasheet
469Kb / 9P
   Constant Voltage LED Power Supplies
LFEU20-V PAIRUI-LFEU20-V Datasheet
609Kb / 8P
   Constant Voltage LED Power Supplies
LFU-35V PAIRUI-LFU-35V Datasheet
479Kb / 9P
   Constant Voltage LED Power Supplies
LFU-60V PAIRUI-LFU-60V Datasheet
477Kb / 9P
   Constant Voltage LED Power Supplies
LFU-150V PAIRUI-LFU-150V Datasheet
485Kb / 9P
   Constant Voltage LED Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com