Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFU35-V36R Datasheet(PDF) 3 Page - PAIRUI GROUP INC.

Part # LFU35-V36R
Description  Constant Voltage LED Power Supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LFU35-V36R Datasheet(HTML) 3 Page - PAIRUI GROUP INC.

  LFU35-V36R Datasheet HTML 1Page - PAIRUI GROUP INC. LFU35-V36R Datasheet HTML 2Page - PAIRUI GROUP INC. LFU35-V36R Datasheet HTML 3Page - PAIRUI GROUP INC. LFU35-V36R Datasheet HTML 4Page - PAIRUI GROUP INC. LFU35-V36R Datasheet HTML 5Page - PAIRUI GROUP INC. LFU35-V36R Datasheet HTML 6Page - PAIRUI GROUP INC. LFU35-V36R Datasheet HTML 7Page - PAIRUI GROUP INC. LFU35-V36R Datasheet HTML 8Page - PAIRUI GROUP INC. LFU35-V36R Datasheet HTML 9Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Electrical
PRODUCT SPECIFICATION
led power supplies
Part Number
Nominal
Input Voltage
Output Voltage
Output Current
Output Voltage
Accuracy
Ripple
Efficiency
Certificate
LFU35-V5R
LFW35-V5RL
100-240VAC
100-277VAC
5V(0-5A)
±5%
5
%
75
%
CE
LFU35-V12R
LFW35-V12RL
100
-240VAC
100-277VAC
12V
(0-3A)
±5%
5%
82%
CE
LFU35-V15R
LFW35-V15RL
100
-240VAC
100-277VAC
15V
(0-2.4A)
±5%
5%
84%
CE
LFU35-V24R
LFW35-V24RL
100
-240VAC
100-277VAC
24V
(0-1.5A)
±5%
5%
86%
CE
LFU35
-V36R
LFW35-V36RL
100
-240VAC
100-277VAC
36V
(0-1A)
±5%
5%
88%
CE
Updated 2016-V1.0-0716
www.pairuigroup.com
Page:2/8
PAIRUI ELECTRONICS
NOTE:1. Other output models are may available on request;
2.Above models are suitable for indoor or outdoor environment without direct sunlight exposure, avoid
immerse in the water for more than 30 minutes.


Similar Part No. - LFU35-V36R

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LFU35-C1050R PAIRUI-LFU35-C1050R Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
LFU35-C350R PAIRUI-LFU35-C350R Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
LFU35-C500R PAIRUI-LFU35-C500R Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
LFU35-C700R PAIRUI-LFU35-C700R Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
LFU35-C800R PAIRUI-LFU35-C800R Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
More results

Similar Description - LFU35-V36R

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LEU-35V PAIRUI-LEU-35V_16 Datasheet
473Kb / 9P
   Constant Voltage LED Power Supplies
LEU-100V PAIRUI-LEU-100V_16 Datasheet
469Kb / 9P
   Constant Voltage LED Power Supplies
LFEU35-V PAIRUI-LFEU35-V Datasheet
607Kb / 8P
   Constant Voltage LED Power Supplies
LFEU60-V PAIRUI-LFEU60-V Datasheet
606Kb / 8P
   Constant Voltage LED Power Supplies
LEU-25V PAIRUI-LEU-25V Datasheet
471Kb / 9P
   Constant Voltage LED Power Supplies
LEU-20V PAIRUI-LEU-20V_16 Datasheet
469Kb / 9P
   Constant Voltage LED Power Supplies
LFU-100V PAIRUI-LFU-100V Datasheet
481Kb / 9P
   Constant Voltage LED Power Supplies
LFEU20-V PAIRUI-LFEU20-V Datasheet
609Kb / 8P
   Constant Voltage LED Power Supplies
LFU-60V PAIRUI-LFU-60V Datasheet
477Kb / 9P
   Constant Voltage LED Power Supplies
LFU-150V PAIRUI-LFU-150V Datasheet
485Kb / 9P
   Constant Voltage LED Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com