Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFW100-C1050L Datasheet(PDF) 3 Page - PAIRUI GROUP INC.

Part # LFW100-C1050L
Description  Constant Current LED Power Supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LFW100-C1050L Datasheet(HTML) 3 Page - PAIRUI GROUP INC.

  LFW100-C1050L Datasheet HTML 1Page - PAIRUI GROUP INC. LFW100-C1050L Datasheet HTML 2Page - PAIRUI GROUP INC. LFW100-C1050L Datasheet HTML 3Page - PAIRUI GROUP INC. LFW100-C1050L Datasheet HTML 4Page - PAIRUI GROUP INC. LFW100-C1050L Datasheet HTML 5Page - PAIRUI GROUP INC. LFW100-C1050L Datasheet HTML 6Page - PAIRUI GROUP INC. LFW100-C1050L Datasheet HTML 7Page - PAIRUI GROUP INC. LFW100-C1050L Datasheet HTML 8Page - PAIRUI GROUP INC. LFW100-C1050L Datasheet HTML 9Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Electrical
PRODUCT SPECIFICATION
led power supplies
Part Number
Nominal
Input Voltage
Output Current
Output Voltage
No Load
Output Voltage
Ripple
Efficiency
Certificate
LFU100
-C700
LFW100-C700L
100-240VAC
100-277VAC
700mA(114-
142V)
152V
5%
91%
CE
LFU100
-C1050
LFW100-C1050L
100-240VAC
100-277VAC
1050mA(76-95V)
102V
5%
90%
CE
LFU100
-C1400
LFW100-C1400L
100-240VAC
100-277VAC
1400mA(57-71V)
78V
5%
90%
CE
LFU100
-C1750
LFW100-C1750L
100-240VAC
100-277VAC
1750mA(46-57V)
63V
5%
90%
CE
LFU100
-C2100
LFW100-C2100L
100-240VAC
100-277VAC
2100mA(39-48V)
53V
5%
89%
CE
LFU100
-C2800
LFW100-C2800L
100-240VAC
100-277VAC
2800mA(28-35V)
40V
5%
89%
CE
Updated 2016-V1.0-0716
www.pairuigroup.com
Page:2/8
PAIRUI ELECTRONICS
NOTE:1. Other output models are may available on request;
2.Above models are suitable for indoor or outdoor environment without direct sunlight exposure, avoid
immerse in the water for more than 30 minutes.


Similar Part No. - LFW100-C1050L

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LFW100-V12L PAIRUI-LFW100-V12L Datasheet
481Kb / 9P
   Constant Voltage LED Power Supplies
LFW100-V15L PAIRUI-LFW100-V15L Datasheet
481Kb / 9P
   Constant Voltage LED Power Supplies
LFW100-V24L PAIRUI-LFW100-V24L Datasheet
481Kb / 9P
   Constant Voltage LED Power Supplies
LFW100-V36L PAIRUI-LFW100-V36L Datasheet
481Kb / 9P
   Constant Voltage LED Power Supplies
LFW100-V48L PAIRUI-LFW100-V48L Datasheet
481Kb / 9P
   Constant Voltage LED Power Supplies
More results

Similar Description - LFW100-C1050L

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LCU-20C PAIRUI-LCU-20C Datasheet
576Kb / 10P
   Constant Current LED Power Supplies
LNS-25C PAIRUI-LNS-25C Datasheet
751Kb / 10P
   Constant Current LED Power Supplies
LNS-30C PAIRUI-LNS-30C Datasheet
843Kb / 10P
   Constant Current LED Power Supplies
LNS-100C PAIRUI-LNS-100C Datasheet
701Kb / 10P
   Constant Current LED Power Supplies
LVU24-C400 PAIRUI-LVU24-C400 Datasheet
715Kb / 8P
   Constant Current LED Power Supplies
LXB-45C PAIRUI-LXB-45C Datasheet
658Kb / 7P
   Constant Current LED Power Supplies
LXU-12C PAIRUI-LXU-12C Datasheet
636Kb / 7P
   Constant Current LED Power Supplies
LNS-75C PAIRUI-LNS-75C Datasheet
688Kb / 10P
   Constant Current LED Power Supplies
LTB10-C240 PAIRUI-LTB10-C240 Datasheet
641Kb / 8P
   Constant Current LED Power Supplies
LVU60-C1400 PAIRUI-LVU60-C1400 Datasheet
662Kb / 8P
   Constant Current LED Power Supplies
LFU-35C PAIRUI-LFU-35C Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com