Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFW100-C1050L Datasheet(PDF) 9 Page - PAIRUI GROUP INC.

Part # LFW100-C1050L
Description  Constant Current LED Power Supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LFW100-C1050L Datasheet(HTML) 9 Page - PAIRUI GROUP INC.

  LFW100-C1050L Datasheet HTML 1Page - PAIRUI GROUP INC. LFW100-C1050L Datasheet HTML 2Page - PAIRUI GROUP INC. LFW100-C1050L Datasheet HTML 3Page - PAIRUI GROUP INC. LFW100-C1050L Datasheet HTML 4Page - PAIRUI GROUP INC. LFW100-C1050L Datasheet HTML 5Page - PAIRUI GROUP INC. LFW100-C1050L Datasheet HTML 6Page - PAIRUI GROUP INC. LFW100-C1050L Datasheet HTML 7Page - PAIRUI GROUP INC. LFW100-C1050L Datasheet HTML 8Page - PAIRUI GROUP INC. LFW100-C1050L Datasheet HTML 9Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Labelling
PRODUCT SPECIFICATION
led power supplies
Updated 2016-V1.0-0716
www.pairuigroup.com
Page:8/8
PAIRUI ELECTRONICS
MADE IN CHINA
LFU100-C700
INPUT: 100-240VAC, 50/60Hz
OUTPUT: 700mA, 114-142VDC
IP67
Symbol
Description
Short-circuit-proof with safety insulation
Type of protection(IP67 for indoorandoutdooruse)
Double insulation(The device is designed to be used in class II equipments and does not
need any protection earth)
IndependentOperation
CE Mark
IP67


Similar Part No. - LFW100-C1050L

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LFW100-V12L PAIRUI-LFW100-V12L Datasheet
481Kb / 9P
   Constant Voltage LED Power Supplies
LFW100-V15L PAIRUI-LFW100-V15L Datasheet
481Kb / 9P
   Constant Voltage LED Power Supplies
LFW100-V24L PAIRUI-LFW100-V24L Datasheet
481Kb / 9P
   Constant Voltage LED Power Supplies
LFW100-V36L PAIRUI-LFW100-V36L Datasheet
481Kb / 9P
   Constant Voltage LED Power Supplies
LFW100-V48L PAIRUI-LFW100-V48L Datasheet
481Kb / 9P
   Constant Voltage LED Power Supplies
More results

Similar Description - LFW100-C1050L

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LCU-20C PAIRUI-LCU-20C Datasheet
576Kb / 10P
   Constant Current LED Power Supplies
LNS-25C PAIRUI-LNS-25C Datasheet
751Kb / 10P
   Constant Current LED Power Supplies
LNS-30C PAIRUI-LNS-30C Datasheet
843Kb / 10P
   Constant Current LED Power Supplies
LNS-100C PAIRUI-LNS-100C Datasheet
701Kb / 10P
   Constant Current LED Power Supplies
LVU24-C400 PAIRUI-LVU24-C400 Datasheet
715Kb / 8P
   Constant Current LED Power Supplies
LXB-45C PAIRUI-LXB-45C Datasheet
658Kb / 7P
   Constant Current LED Power Supplies
LXU-12C PAIRUI-LXU-12C Datasheet
636Kb / 7P
   Constant Current LED Power Supplies
LNS-75C PAIRUI-LNS-75C Datasheet
688Kb / 10P
   Constant Current LED Power Supplies
LTB10-C240 PAIRUI-LTB10-C240 Datasheet
641Kb / 8P
   Constant Current LED Power Supplies
LVU60-C1400 PAIRUI-LVU60-C1400 Datasheet
662Kb / 8P
   Constant Current LED Power Supplies
LFU-35C PAIRUI-LFU-35C Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com