Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFW60-V15RL Datasheet(PDF) 5 Page - PAIRUI GROUP INC.

Part # LFW60-V15RL
Description  Constant Voltage LED Power Supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LFW60-V15RL Datasheet(HTML) 5 Page - PAIRUI GROUP INC.

  LFW60-V15RL Datasheet HTML 1Page - PAIRUI GROUP INC. LFW60-V15RL Datasheet HTML 2Page - PAIRUI GROUP INC. LFW60-V15RL Datasheet HTML 3Page - PAIRUI GROUP INC. LFW60-V15RL Datasheet HTML 4Page - PAIRUI GROUP INC. LFW60-V15RL Datasheet HTML 5Page - PAIRUI GROUP INC. LFW60-V15RL Datasheet HTML 6Page - PAIRUI GROUP INC. LFW60-V15RL Datasheet HTML 7Page - PAIRUI GROUP INC. LFW60-V15RL Datasheet HTML 8Page - PAIRUI GROUP INC. LFW60-V15RL Datasheet HTML 9Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
OUTPUT
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output voltage accuracy
5
%
Line regulation
Vin from 100Vac to 240(277)Vac
2
%
Load regulation
Vout from min. to max.
3
%
Turn-on delay time
Cold start, power on
1000
ms
Ripple
Please refer to below measuring
method
5%Vo
mVp-p
THD
Output load
≥60%
20
%
Protection
Short circuit
In hiccup mode, it will recover automatically after fault condition is removed
Over voltage
110-150% Vout, it will recover automatically after fault condition is removed
Over current
In hiccup mode, it will recover automatically after fault condition is removed
Over
temperature
In hiccup mode, it will recover automatically after fault condition is removed
PRODUCT SPECIFICATION
led power supplies
NOTE: The values are measured at 20MHz of bandwidth by using a 12
'' twisted pair-wire terminated with
0.1uF & 47uF parallel capacitor under ambient temperature 25
℃ at rated input voltage and rated load.
Updated 2016-V1.0-1118
www.pairuigroup.com
Page:4/8
PAIRUI ELECTRONICS


Similar Part No. - LFW60-V15RL

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LFW60-C1050RL PAIRUI-LFW60-C1050RL Datasheet
478Kb / 9P
   Constant Current LED Power Supplies
LFW60-C1400RL PAIRUI-LFW60-C1400RL Datasheet
478Kb / 9P
   Constant Current LED Power Supplies
LFW60-C1750RL PAIRUI-LFW60-C1750RL Datasheet
478Kb / 9P
   Constant Current LED Power Supplies
LFW60-C2100RL PAIRUI-LFW60-C2100RL Datasheet
478Kb / 9P
   Constant Current LED Power Supplies
LFW60-C2800RL PAIRUI-LFW60-C2800RL Datasheet
478Kb / 9P
   Constant Current LED Power Supplies
More results

Similar Description - LFW60-V15RL

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LEU-35V PAIRUI-LEU-35V_16 Datasheet
473Kb / 9P
   Constant Voltage LED Power Supplies
LEU-100V PAIRUI-LEU-100V_16 Datasheet
469Kb / 9P
   Constant Voltage LED Power Supplies
LFEU35-V PAIRUI-LFEU35-V Datasheet
607Kb / 8P
   Constant Voltage LED Power Supplies
LFEU60-V PAIRUI-LFEU60-V Datasheet
606Kb / 8P
   Constant Voltage LED Power Supplies
LEU-25V PAIRUI-LEU-25V Datasheet
471Kb / 9P
   Constant Voltage LED Power Supplies
LEU-20V PAIRUI-LEU-20V_16 Datasheet
469Kb / 9P
   Constant Voltage LED Power Supplies
LFU-100V PAIRUI-LFU-100V Datasheet
481Kb / 9P
   Constant Voltage LED Power Supplies
LFEU20-V PAIRUI-LFEU20-V Datasheet
609Kb / 8P
   Constant Voltage LED Power Supplies
LFU-35V PAIRUI-LFU-35V Datasheet
479Kb / 9P
   Constant Voltage LED Power Supplies
LFU-150V PAIRUI-LFU-150V Datasheet
485Kb / 9P
   Constant Voltage LED Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com