Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFU-150V Datasheet(PDF) 2 Page - PAIRUI GROUP INC.

Part # LFU-150V
Description  Constant Voltage LED Power Supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LFU-150V Datasheet(HTML) 2 Page - PAIRUI GROUP INC.

  LFU-150V Datasheet HTML 1Page - PAIRUI GROUP INC. LFU-150V Datasheet HTML 2Page - PAIRUI GROUP INC. LFU-150V Datasheet HTML 3Page - PAIRUI GROUP INC. LFU-150V Datasheet HTML 4Page - PAIRUI GROUP INC. LFU-150V Datasheet HTML 5Page - PAIRUI GROUP INC. LFU-150V Datasheet HTML 6Page - PAIRUI GROUP INC. LFU-150V Datasheet HTML 7Page - PAIRUI GROUP INC. LFU-150V Datasheet HTML 8Page - PAIRUI GROUP INC. LFU-150V Datasheet HTML 9Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PRODUCT SPECIFICATION
led power supplies
LED Power Supplies for Outdoor Use
LFU-150V SERIES, 150WATT, IP67 RATING
Features
3 or 5 Year Warranty
Waterproof Rating IP67
All Round Protections: Short Circuit, Over Voltage,
Over Current, Over TempeRature
Class II Power, no FG
Applications
Electrical
Updated 2016-V1.0-0627
www.pairuigroup.com
Page:1/9
Constant Voltage Output Mode
PAIRUI ELECTRONICS
Built-in Active Power Factor Correction
Garden Light
Landscape Light
Stage Light
Cabinet Light
Other Indoor and Outdoor used Lights
LF
U
- V 24
L
150
Output Voltage(Vdc)
V = Constant Voltage Mode
Output Mode
Output Power(W)
Input Voltage Range
U = 100-240Vac
W = 100-277Vac
Series Name
Warranty
Blank = 3 Year Warranty(default to “U” models)
L = 5 Year Warranty(default to “W” models)
Universal Input Voltage Range: 100~240Vac/100~277Vac


Similar Part No. - LFU-150V

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LFU-150C PAIRUI-LFU-150C Datasheet
482Kb / 9P
   Constant Current LED Power Supplies
More results

Similar Description - LFU-150V

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LEU-35V PAIRUI-LEU-35V_16 Datasheet
473Kb / 9P
   Constant Voltage LED Power Supplies
LEU-100V PAIRUI-LEU-100V_16 Datasheet
469Kb / 9P
   Constant Voltage LED Power Supplies
LFEU35-V PAIRUI-LFEU35-V Datasheet
607Kb / 8P
   Constant Voltage LED Power Supplies
LFEU60-V PAIRUI-LFEU60-V Datasheet
606Kb / 8P
   Constant Voltage LED Power Supplies
LEU-25V PAIRUI-LEU-25V Datasheet
471Kb / 9P
   Constant Voltage LED Power Supplies
LEU-20V PAIRUI-LEU-20V_16 Datasheet
469Kb / 9P
   Constant Voltage LED Power Supplies
LFU-100V PAIRUI-LFU-100V Datasheet
481Kb / 9P
   Constant Voltage LED Power Supplies
LFEU20-V PAIRUI-LFEU20-V Datasheet
609Kb / 8P
   Constant Voltage LED Power Supplies
LFU-35V PAIRUI-LFU-35V Datasheet
479Kb / 9P
   Constant Voltage LED Power Supplies
LFU-60V PAIRUI-LFU-60V Datasheet
477Kb / 9P
   Constant Voltage LED Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com