Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFU-100C Datasheet(PDF) 5 Page - PAIRUI GROUP INC.

Part # LFU-100C
Description  Constant Current LED Power Supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LFU-100C Datasheet(HTML) 5 Page - PAIRUI GROUP INC.

  LFU-100C Datasheet HTML 1Page - PAIRUI GROUP INC. LFU-100C Datasheet HTML 2Page - PAIRUI GROUP INC. LFU-100C Datasheet HTML 3Page - PAIRUI GROUP INC. LFU-100C Datasheet HTML 4Page - PAIRUI GROUP INC. LFU-100C Datasheet HTML 5Page - PAIRUI GROUP INC. LFU-100C Datasheet HTML 6Page - PAIRUI GROUP INC. LFU-100C Datasheet HTML 7Page - PAIRUI GROUP INC. LFU-100C Datasheet HTML 8Page - PAIRUI GROUP INC. LFU-100C Datasheet HTML 9Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
OUTPUT
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output current accuracy
5
%
Line regulation
Vin from 100Vac to 240(277)Vac
2
%
Load regulation
Vout from min. to max.
3
%
Output current overshoot
Turning on
10
%
Turn-on delay time
Cold start, power on
1000
ms
Ripple
Pleaserefertobelowmeasurement
method
5%Io
mAp-p
THD
Output load
≥60%
20
%
Protection
Short circuit
In hiccup mode, it will recover automatically after fault condition is removed
Over voltage
110-150% Vout, it will recover automatically after fault condition is removed
Over current
In hiccup mode, it will recover automatically after fault condition is removed
Over
temperature
In hiccup mode, it will recover automatically after fault condition is removed
PRODUCT SPECIFICATION
led power supplies
NOTE: The values are measured at 20MHz of bandwidth by using a 12
'' twisted pair-wire terminated with
0.1uF & 47uF parallel capacitor under ambient temperature 25
℃ at rated input voltage and rated load.
Updated 2016-V1.0-0716
www.pairuigroup.com
Page:4/8
PAIRUI ELECTRONICS


Similar Part No. - LFU-100C

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LFU-100V PAIRUI-LFU-100V Datasheet
481Kb / 9P
   Constant Voltage LED Power Supplies
More results

Similar Description - LFU-100C

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LCU-20C PAIRUI-LCU-20C Datasheet
576Kb / 10P
   Constant Current LED Power Supplies
LNS-25C PAIRUI-LNS-25C Datasheet
751Kb / 10P
   Constant Current LED Power Supplies
LNS-30C PAIRUI-LNS-30C Datasheet
843Kb / 10P
   Constant Current LED Power Supplies
LNS-100C PAIRUI-LNS-100C Datasheet
701Kb / 10P
   Constant Current LED Power Supplies
LVU24-C400 PAIRUI-LVU24-C400 Datasheet
715Kb / 8P
   Constant Current LED Power Supplies
LXB-45C PAIRUI-LXB-45C Datasheet
658Kb / 7P
   Constant Current LED Power Supplies
LXU-12C PAIRUI-LXU-12C Datasheet
636Kb / 7P
   Constant Current LED Power Supplies
LNS-75C PAIRUI-LNS-75C Datasheet
688Kb / 10P
   Constant Current LED Power Supplies
LTB10-C240 PAIRUI-LTB10-C240 Datasheet
641Kb / 8P
   Constant Current LED Power Supplies
LVU60-C1400 PAIRUI-LVU60-C1400 Datasheet
662Kb / 8P
   Constant Current LED Power Supplies
LFU-35C PAIRUI-LFU-35C Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com