Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-818A50AUC-BHE-T2 Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-818A50AUC-BHE-T2
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-818A50AUC-BHE-T2 Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-818A50AUC-BHE-T2 Datasheet HTML 6Page - Seiko Instruments Inc S-818A50AUC-BHE-T2 Datasheet HTML 7Page - Seiko Instruments Inc S-818A50AUC-BHE-T2 Datasheet HTML 8Page - Seiko Instruments Inc S-818A50AUC-BHE-T2 Datasheet HTML 9Page - Seiko Instruments Inc S-818A50AUC-BHE-T2 Datasheet HTML 10Page - Seiko Instruments Inc S-818A50AUC-BHE-T2 Datasheet HTML 11Page - Seiko Instruments Inc S-818A50AUC-BHE-T2 Datasheet HTML 12Page - Seiko Instruments Inc S-818A50AUC-BHE-T2 Datasheet HTML 13Page - Seiko Instruments Inc S-818A50AUC-BHE-T2 Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.2
S-818 Series
10
Seiko Instruments Inc.
(3) MAXIMUM OUTPUT CURRENT vs. INPUT VOLTAGE
S-818A20A
0.0
0.2
0.4
0.6
0.8
024
68
10
Ta=-40°C
85°C
25°C
VIN(V)
S-818A30A
0.0
0.2
0.4
0.6
0.8
024
68
10
Ta=-40°C
85°C
25°C
VIN(V)
S-818A50A
0.0
0.2
0.4
0.6
0.8
024
68
10
Ta=-40°C
85°C
25°C
VIN(V)
(4) DROPOUT VOLTAGE vs. OUTPUT CURRENT
S-818A20A
0
500
1000
1500
2000
0
50
100
150
200
250
300
I/54(mA)
Ta=-40°C
25°C
85°C
S-818A30A
0
500
1000
1500
2000
0
100
200
300
400
I/54(mA)
Ta=-40°C
25°C
85°C
S-818A50A
0
500
1000
1500
2000
0
100
200
300
400
500
600
I/54(mA)
Ta=-40°C
25°C
85°C
* In determining necessary output current,
consider the following parameters:
• Minimum value of output current in
Table 4 “Electrical Characteristics”
and Note *5) (page 4);
• Power dissipation of the package


Similar Part No. - S-818A50AUC-BHE-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-818A50AUC-BHET2G SII-S-818A50AUC-BHET2G Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-818A50AUC-BHET2X ABLIC-S-818A50AUC-BHET2X Datasheet
487Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
More results

Similar Description - S-818A50AUC-BHE-T2

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
ABLIC Inc.
S-818 ABLIC-S-818 Datasheet
487Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S814 SII-S814 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S-818 SII-S-818_1 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GSC2129 GTM-GSC2129 Datasheet
552Kb / 6P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com