Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T201N Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # T201N
Description  Full blocking 50/60Hz over a wide range temperature range
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

T201N Datasheet(HTML) 2 Page - Infineon Technologies AG

  T201N Datasheet HTML 1Page - Infineon Technologies AG T201N Datasheet HTML 2Page - Infineon Technologies AG T201N Datasheet HTML 3Page - Infineon Technologies AG T201N Datasheet HTML 4Page - Infineon Technologies AG T201N Datasheet HTML 5Page - Infineon Technologies AG T201N Datasheet HTML 6Page - Infineon Technologies AG T201N Datasheet HTML 7Page - Infineon Technologies AG T201N Datasheet HTML 8Page - Infineon Technologies AG T201N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Netz-Thyristor
Phase Control Thyristor
Technische Information /
technical information
T201N
Date of Publication: 2011-05-02
Revision: 7.0
Seite/page: 2/11
Elektrische Eigenschaften
Elektrische Eigenschaften / electrical properties
Höchstzulässige Werte / maximum rated values
Periodische Vorwärts- und Rückwärts-Spitzensperrspannung
repetitive peak forward off-state and reverse voltage
Tvj = -40°C... Tvj max
VDRM,VRRM
6000
6500
7000
V
V
V
Durchlaßstrom-Grenzeffektivwert
maximum RMS on-state current
TC = 85 °C
ITRMSM
385 A
Dauergrenzstrom
average on-state current
TC = 85 °C
TC = 70 °C
TC = 55 °C
ITAVM
245
295
340
A
A
A
Stoßstrom-Grenzwert
surge current
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
ITSM
4700
4200
A
A
Grenzlastintegral
I²t-value
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
I²t
110,5
88,2
10³ A²s
10³ A²s
Kritische Stromsteilheit
critical rate of rise of on-state current
DIN IEC 60747-6
f = 50 Hz, iGM = 3 A, diG/dt = 6 A/µs
(diT/dt)cr
300 A/µs
Kritische Spannungssteilheit
critical rate of rise of off-state voltage
Tvj = Tvj max, vD = 0,67 VDRM
5.Kennbuchstabe / 5
th letter H
(dvD/dt)cr
2000 V/µs
Charakteristische Werte / characteristic values
Durchlaßspannung
on-state voltage
Tvj = Tvj max , iT = 500A
vT
typ.
Max.
3,25
3,4
V
V
Schleusenspannung
threshold voltage
Tvj = Tvj max
V(TO)
typ.
max.
1,24
1,29
V
V
Ersatzwiderstand
slope resistance
Tvj = Tvj max
rT
typ.
Max.
4,02
4,22
m
Ω
m
Ω
Durchlaßkennlinie
50A
 i
F  600A
on-state characteristic
Tvj = Tvj max
typ.
A
0,02009
B
0,002673
C
0,2013
D
0,02847
max.
A
-0,457
B
0,003951
C
0,4384
D
-0,03762
Zündstrom
gate trigger current
Tvj = 25°C, vD = 12 V
IGT
max.
350 mA
Zündspannung
gate trigger voltage
Tvj = 25°C, vD = 12 V
VGT
max.
2,5 V
Nicht zündender Steuerstrom
gate non-trigger current
Tvj = Tvj max , vD = 12 V
Tvj = Tvj max , vD = 0,5 VDRM
IGD
max.
max.
20
10
mA
mA
Nicht zündende Steuerspannung
gate non-trigger voltage
Tvj = Tvj max , vD = 0,5 VDRM
VGD
max.
0,4 V
Haltestrom
holding current
Tvj = 25°C, vD = 12 V
IH
max.
350 mA
Einraststrom
latching current
Tvj = 25°C, vD = 12 V, RGK ≥ 10 Ω
iGM = 3 A, diG/dt = 6 A/µs, tg = 20 µs
IL
max.
3 A
Vorwärts- und Rückwärts-Sperrstrom
forward off-state and reverse current
Tvj = Tvj max
vD = VDRM, vR = VRRM
iD, iR
max.
100 mA
Zündverzug
gate controlled delay time
DIN IEC 60747-6
Tvj = 25 °C,iGM = 3 A, diG/dt = 6 A/µs
tgd
max.
2 µs
prepared by: TM
date of publication:
2011-05-02
approved by: JP
revision:
7.0
T
T
T
T
i
D
)
1
i
(
Ln
C
i
B
A
v


Similar Part No. - T201N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
T201N EUPEC-T201N Datasheet
246Kb / 9P
   Phase Control Thyristor
More results

Similar Description - T201N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
T1060N INFINEON-T1060N Datasheet
612Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2013-11-22 Revision: 2.2
T1451N INFINEON-T1451N Datasheet
253Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 8.0
T2251N INFINEON-T2251N Datasheet
254Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 6.0
T3441N INFINEON-T3441N Datasheet
255Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 6.0
T1601N INFINEON-T1601N Datasheet
251Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 7.0
T1800N INFINEON-T1800N Datasheet
419Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2012-11-15 Revision: 3.1
T2851N INFINEON-T2851N Datasheet
352Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2017-03-17 Revision: 9.2
T1901N INFINEON-T1901N Datasheet
256Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 9.0
T3801N INFINEON-T3801N Datasheet
255Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 6.0
T501N INFINEON-T501N Datasheet
251Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 11.0
T1401N INFINEON-T1401N Datasheet
252Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 6.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com