Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T201N Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # T201N
Description  Full blocking 50/60Hz over a wide range temperature range
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

T201N Datasheet(HTML) 5 Page - Infineon Technologies AG

  T201N Datasheet HTML 1Page - Infineon Technologies AG T201N Datasheet HTML 2Page - Infineon Technologies AG T201N Datasheet HTML 3Page - Infineon Technologies AG T201N Datasheet HTML 4Page - Infineon Technologies AG T201N Datasheet HTML 5Page - Infineon Technologies AG T201N Datasheet HTML 6Page - Infineon Technologies AG T201N Datasheet HTML 7Page - Infineon Technologies AG T201N Datasheet HTML 8Page - Infineon Technologies AG T201N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Netz-Thyristor
Phase Control Thyristor
Technische Information /
technical information
T201N
Date of Publication: 2011-05-02
Revision: 7.0
Seite/page: 5/11
Durchlasskennlinie
Analytische Elemente des transienten Wärmewiderstandes Z thJC /
analytical elements of transient thermal impedance Z thJC
Pos. n
1
2
3
4
5
6
7
beidseitig
two-sided
Rthn [K/kW]
14,6
12,6
7,2
5
0,6
τn [s]
1,4
0,2
0,063
0,01
0,002
anodenseitig
anode-sided
Rthn [K/kW]
46,6
12,6
7,2
5
0,6
τn [s]
4,5
0,2
0,063
0,01
0,002
kathodenseitig
cathode-sided
Rthn [K/kW]
64,6
12,6
7,2
5
0,6
τn [s]
6,2
0,2
0,063
0,01
0,002
Analytische Funktion / analytical function:
max
n
n=1
thn
thJC
n
-t
e
1
R
Z
bi
ai
ci
0
10
20
30
40
50
60
70
80
90
100
0,001
0,01
0,1
1
10
100
t [s]
Transienter innerer Wärmewiderstand für DC / transient thermal impedance Z thJC = f(t) for DC
a : Anodenseitige Kühlung / anode-sided cooling
b : Beidseitige Kühlung / two-sided cooling
c : Kathodenseitige Kühlung / cathode-sided cooling


Similar Part No. - T201N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
T201N EUPEC-T201N Datasheet
246Kb / 9P
   Phase Control Thyristor
More results

Similar Description - T201N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
T1060N INFINEON-T1060N Datasheet
612Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2013-11-22 Revision: 2.2
T1451N INFINEON-T1451N Datasheet
253Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 8.0
T2251N INFINEON-T2251N Datasheet
254Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 6.0
T3441N INFINEON-T3441N Datasheet
255Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 6.0
T1601N INFINEON-T1601N Datasheet
251Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 7.0
T1800N INFINEON-T1800N Datasheet
419Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2012-11-15 Revision: 3.1
T2851N INFINEON-T2851N Datasheet
352Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2017-03-17 Revision: 9.2
T1901N INFINEON-T1901N Datasheet
256Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 9.0
T3801N INFINEON-T3801N Datasheet
255Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 6.0
T501N INFINEON-T501N Datasheet
251Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 11.0
T1401N INFINEON-T1401N Datasheet
252Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 6.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com