Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT2200N16P55 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # STT2200N16P55
Description  Pressure contact technology for high reliability
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

STT2200N16P55 Datasheet(HTML) 6 Page - Infineon Technologies AG

  STT2200N16P55 Datasheet HTML 1Page - Infineon Technologies AG STT2200N16P55 Datasheet HTML 2Page - Infineon Technologies AG STT2200N16P55 Datasheet HTML 3Page - Infineon Technologies AG STT2200N16P55 Datasheet HTML 4Page - Infineon Technologies AG STT2200N16P55 Datasheet HTML 5Page - Infineon Technologies AG STT2200N16P55 Datasheet HTML 6Page - Infineon Technologies AG STT2200N16P55 Datasheet HTML 7Page - Infineon Technologies AG STT2200N16P55 Datasheet HTML 8Page - Infineon Technologies AG STT2200N16P55 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Sanftanlauf-Modul
Soft Starter Module
Technische Information /
technical information
sTT2200N16P55
Date of Publication 2017-10-09
Revision: 3.1
6/11
Seite/page
Analytische Elemente des transienten Wärmewiderstandes ZthJR für DC
Analytical elements of transient thermal impedance ZthJR for DC
Pos. n
1
2
3
4
5
6
7
Rthn [K/W]
0,008
0,0205
0,017
0,0135
0,003
τ
n [s]
60
5
1,3
0,2
0,004
Analytische Funktion / Analytical function:
Erhöhung des Zth DC bei Sinusströmen mit unterschiedlichen Stromflusswinkeln Θ
Rise of Zth DC for sinewave current with different current conduction angles Θ
ΔZth Θ sin
Θ = 180°
Θ = 120°
Θ = 90°
Θ = 60°
Θ = 30°
ΔZ
th
Θ sin
[K/W]
0,002426
0,0034
0,0047
0,0065
0,0092
Zth Θ sin = Zth DC + Zth Θ sin


Similar Part No. - STT2200N16P55

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
STT2200N18P55 INFINEON-STT2200N18P55 Datasheet
925Kb / 9P
   Soft Starter Module
2020-04-01 Revision: 3.1
More results

Similar Description - STT2200N16P55

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DD600N INFINEON-DD600N Datasheet
347Kb / 10P
   Pressure contact technology for high reliability
2014-03-10 Revision 3.1
TZ800N INFINEON-TZ800N Datasheet
429Kb / 11P
   Pressure contact technology for high reliability
2014-04-16 Revision: 3.2
TZ860N16KOF INFINEON-TZ860N16KOF Datasheet
428Kb / 11P
   Pressure contact technology for high reliability
2014-04-11 Revision: 3.1
DD435N INFINEON-DD435N Datasheet
653Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
TT270N16KOF INFINEON-TT270N16KOF Datasheet
408Kb / 11P
   Pressure contact technology for high reliability
2014-12-18 Revision: 3.2
TT305N16KOF INFINEON-TT305N16KOF Datasheet
458Kb / 11P
   Pressure contact technology for high reliability
2012-11-05 Revision: 3.0
TT500N INFINEON-TT500N Datasheet
414Kb / 11P
   Pressure contact technology for high reliability
2016-11-25 Revision: 3.4
TZ425N INFINEON-TZ425N Datasheet
977Kb / 14P
   Pressure contact technology for high reliability
2018-04-17 Revision 3.3
DD175N INFINEON-DD175N Datasheet
645Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
TT260N22KOF INFINEON-TT260N22KOF Datasheet
373Kb / 11P
   Pressure contact technology for high reliability
2013-08-01 Revision: 3.1
TT251N INFINEON-TT251N Datasheet
431Kb / 11P
   Pressure contact technology for high reliability
2014-04-09 Revision: 3.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com