Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT1400N16P55 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # STT1400N16P55
Description  Pressure contact technology for high reliability
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

STT1400N16P55 Datasheet(HTML) 2 Page - Infineon Technologies AG

  STT1400N16P55 Datasheet HTML 1Page - Infineon Technologies AG STT1400N16P55 Datasheet HTML 2Page - Infineon Technologies AG STT1400N16P55 Datasheet HTML 3Page - Infineon Technologies AG STT1400N16P55 Datasheet HTML 4Page - Infineon Technologies AG STT1400N16P55 Datasheet HTML 5Page - Infineon Technologies AG STT1400N16P55 Datasheet HTML 6Page - Infineon Technologies AG STT1400N16P55 Datasheet HTML 7Page - Infineon Technologies AG STT1400N16P55 Datasheet HTML 8Page - Infineon Technologies AG STT1400N16P55 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Sanftanlauf-Modul
Soft Starter Module
Technische Information /
technical information
sTT1400N16P55
Date of Publication 2017-10-09
Revision: 3.1
2/11
Seite/page
Elektrische Eigenschaften / Electrical properties
Höchstzulässige Werte / Maximum rated values
Periodische Vorwärts- und Rückwärts-Spitzensperrspannung
repetitive peak forward off-state and reverse voltages
Tvj = -40°C... Tvj max
VDRM,VRRM
1600 V
Vorwärts-Stoßspitzensperrspannung
non-repetitive peak forward off-state voltage
Tvj = -40°C... Tvj max
VDSM
1600 V
Rückwärts-Stoßspitzensperrspannung
non-repetitive peak reverse voltage
Tvj = +25°C... Tvj max
VRSM
1700 V
Überlaststrom
overload current
W1C; sin.180°;t overload= 21s
Tvj=155°C; Tvjstart=40°C
Ioverload
1300 A
Stoßstrom-Grenzwert
surge current
Tvj = 25°C, tP = 10ms
Tvj = Tvj max, tP = 10ms
ITSM
10500
9000
A
A
Grenzlastintegral
I²t-value
Tvj = 25°C, tP = 10ms
Tvj = Tvj max, tP = 10ms
I²t
551250
405000
A²s
A²s
Kritische Stromsteilheit
critical rate of rise of on-state current
DIN IEC 747-6
f = 50Hz, iGM = 1A, diG/dt = 1A/µs
(diT/dt)cr
250 A/µs
Kritische Spannungssteilheit
critical rate of rise of off-state voltage
Tvj = Tvj max, vD = 0,67 VDRM
6.Kennbuchstabe / 6
th letter F
(dvD/dt)cr
1000 V/µs
Charakteristische Werte / Characteristic values
Durchlaßspannung
on-state voltage
Tvj = Tvj max , iT = 1000 A
vT
max.
1,39 V
Schleusenspannung
threshold voltage
Tvj = Tvj max
V(TO)
max.
0,9 V
Ersatzwiderstand
slope resistance
Tvj = Tvj max
rT
max.
0,49 m
Ω
Zündstrom
gate trigger current
Tvj = 25°C, vD = 12V
IGT
max.
200 mA
Zündspannung
gate trigger voltage
Tvj = 25°C, vD = 12V
VGT
max.
2 V
Nicht zündender Steuerstrom
gate non-trigger current
Tvj = Tvj max , vD = 12V
Tvj = Tvj max , vD = 0,5 VDRM
IGD
max.
max.
10
5
mA
mA
Nicht zündende Steuerspannung
gate non-trigger voltage
Tvj = Tvj max , vD = 0,5 VDRM
VGD
max.
0,2 V
Haltestrom
holding current
Tvj = 25°C, vD = 12V, RA = 1Ω
IH
max.
300 mA
Einraststrom
latching current
Tvj = 25°C, vD = 12V, RGK ≥ 10Ω
iGM = 1A, diG/dt = 1A/µs, tg = 20µs
IL
max.
1200 mA
Vorwärts- und Rückwärts-Sperrstrom W1C
forward off-state and reverse current W1C
Tvj = Tvj max
vD = VDRM, vR = VRRM
iD+ iR
max.
80 mA
Zündverzug
gate controlled delay time
DIN IEC 747-6
Tvj = 25°C, iGM = 1A, diG/dt = 1A/µs
tgd
max.
3 µs
prepared by: JS
date of publication: 2017-10-09
approved by: ML
revision:
3.1


Similar Part No. - STT1400N16P55

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
STT1400N18P55 INFINEON-STT1400N18P55 Datasheet
890Kb / 9P
   Soft Starter Module
2020-04-01 Revision: 3.1
More results

Similar Description - STT1400N16P55

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DD600N INFINEON-DD600N Datasheet
347Kb / 10P
   Pressure contact technology for high reliability
2014-03-10 Revision 3.1
TZ800N INFINEON-TZ800N Datasheet
429Kb / 11P
   Pressure contact technology for high reliability
2014-04-16 Revision: 3.2
TZ860N16KOF INFINEON-TZ860N16KOF Datasheet
428Kb / 11P
   Pressure contact technology for high reliability
2014-04-11 Revision: 3.1
DD435N INFINEON-DD435N Datasheet
653Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
TT270N16KOF INFINEON-TT270N16KOF Datasheet
408Kb / 11P
   Pressure contact technology for high reliability
2014-12-18 Revision: 3.2
TT305N16KOF INFINEON-TT305N16KOF Datasheet
458Kb / 11P
   Pressure contact technology for high reliability
2012-11-05 Revision: 3.0
TT500N INFINEON-TT500N Datasheet
414Kb / 11P
   Pressure contact technology for high reliability
2016-11-25 Revision: 3.4
TZ425N INFINEON-TZ425N Datasheet
977Kb / 14P
   Pressure contact technology for high reliability
2018-04-17 Revision 3.3
DD175N INFINEON-DD175N Datasheet
645Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
TT260N22KOF INFINEON-TT260N22KOF Datasheet
373Kb / 11P
   Pressure contact technology for high reliability
2013-08-01 Revision: 3.1
TT251N INFINEON-TT251N Datasheet
431Kb / 11P
   Pressure contact technology for high reliability
2014-04-09 Revision: 3.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com