Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-818A38AUC-BGS-T2 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-818A38AUC-BGS-T2
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-818A38AUC-BGS-T2 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-818A38AUC-BGS-T2 Datasheet HTML 4Page - Seiko Instruments Inc S-818A38AUC-BGS-T2 Datasheet HTML 5Page - Seiko Instruments Inc S-818A38AUC-BGS-T2 Datasheet HTML 6Page - Seiko Instruments Inc S-818A38AUC-BGS-T2 Datasheet HTML 7Page - Seiko Instruments Inc S-818A38AUC-BGS-T2 Datasheet HTML 8Page - Seiko Instruments Inc S-818A38AUC-BGS-T2 Datasheet HTML 9Page - Seiko Instruments Inc S-818A38AUC-BGS-T2 Datasheet HTML 10Page - Seiko Instruments Inc S-818A38AUC-BGS-T2 Datasheet HTML 11Page - Seiko Instruments Inc S-818A38AUC-BGS-T2 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.2
S-818 Series
8
Seiko Instruments Inc.
„ Selection of Output Capacitor (CL)
The S-818 series needs an output capacitor between VOUT pin and VSS pin for phase compensation. A small
ceramic or an OS electrolytic capacitor of 2
µF or more can be used. If a tantalum or an aluminum electrolytic
capacitor is used, its capacitance must be 2
µF or more and the ESR must be 10 Ω or less.
Attention should be paid not to cause an oscillation due to increase of ESR at low temperatures when using an
aluminum electrolytic capacitor.
Evaluate the performance including temperature characteristics before prototyping the circuit.
Overshoot and undershoot characteristics differ depending upon the type of the output capacitor. Refer to output
capacitor dependence data in transient response characteristics .
„ Design Considerations
Design wiring patterns for VIN, VOUT and GND pins to decrease impedance.
When mounting an output capacitor, connection from the capacitor to the VOUT pin and to the VSS pin
should be as close as possible.
Note that output voltage may increase when the voltage regulator is used at low load current (less than 10
µA).
To prevent oscillation, it is recommended to use the external components under the following conditions:
* Input capacitor (CIN): 0.47
µF or more
* Output capacitor (CL): 2
µF or more
* Equivalent Series Resistance (ESR): 10
Ω or less
* Input series resistance (RIN): 10
Ω or less
The voltage regulator may oscillate when the impedance of the power supply is high and the input
capacitor is small or not connected.
Be sure that input voltage and load current do not exceed the power dissipation level of the package.
SII claims no responsibility for any and all disputes arising out of or in connection with any infringement of
the products including this IC upon patents owned by a third party.
In determining necessary output current, consider the value of output current of Table 4 “Electrical
Characteristics” and Note *5) (page 4).


Similar Part No. - S-818A38AUC-BGS-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-818A38AUC-BGST2G SII-S-818A38AUC-BGST2G Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-818A38AUC-BGST2X ABLIC-S-818A38AUC-BGST2X Datasheet
487Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
More results

Similar Description - S-818A38AUC-BGS-T2

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
ABLIC Inc.
S-818 ABLIC-S-818 Datasheet
487Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S814 SII-S814 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S-818 SII-S-818_1 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GSC2129 GTM-GSC2129 Datasheet
552Kb / 6P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com