Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PTRA093818NF Datasheet(PDF) 10 Page - Infineon Technologies AG

Part No. PTRA093818NF
Description  Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 960 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

PTRA093818NF Datasheet(HTML) 10 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PTRA093818NF V1
Revision History
Revision
Date
Data Sheet Type
Page
Subjects (major changes since last revision)
01
2016-05-04
Advance
All
Data Sheet reflects advance specification for product development
02
2016-08-22
Advance
All
Revised package (3D rendering, package number and package outline)
03
2016-10-21
Production
All
Data Sheet reflects released product specification
03.1
2016-12-07
Production
All
Revised Maximum Ratings table
03.2
2016-01-12
Production
8, 9
Revised typo in package outline
03.3
2016-01-24
Production
7, 8, 9
Updated pinout diagram and package outline
04
2017-02-01
Production
2
8, 9
Updated Thermal Characteristics
Updated Package Outline
04.1
2017-03-30
Production
3, 4
Fixed missing labels on CW performance graphs
05
2017-08-10
Production
6, 7
Updated circuit drawing and components information
05.1
2017-08-16
Production
6
Revised PCB layout
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all?
Your feedback will help us to continuously improve the quality of this document.
Please send your proposal (including a reference to this document) to:
highpowerRF@infineon.com
To request other information, contact us at:
+1 877 465 3667 (1-877-GO-LDMOS) USA
or +1 408 776 0600 International
Edition 2017-08-16
Published by
Infineon Technologies AG
85579 Neubiberg, Germany
© 2016 Infineon Technologies AG
All Rights Reserved.
Legal Disclaimer
The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics.
With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the
application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind,
including without limitation, warranties of non-infringement of intellectual property rights of any third party.
Information
For further information on technology, delivery terms and conditions and prices, please contact the nearest
Infineon Technologies Office (
www.infineon.com/rfpower).
Warnings
Due to technical requirements, components may contain dangerous substances. For information on the types in question,
please contact the nearest Infineon Technologies Office.
Infineon Technologies components may be used in life-support devices or systems only with the express written approval of In-
fineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device
or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be
implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is
reasonable to assume that the health of the user or other persons may be endangered.
Data Sheet
10 of 10
Rev. 05.1, 2017-08-16


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn