Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PTRA093818NF Datasheet(PDF) 9 Page - Infineon Technologies AG

Part No. PTRA093818NF
Description  Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 960 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

PTRA093818NF Datasheet(HTML) 9 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Data Sheet
9 of 10
Rev. 05.1, 2017-08-16
PTRA093818NF
Package Outline Specifications (cont.)
Package PG-HBSOF-6-2 (bottom view)
Find the latest and most complete information about products and packaging at the Infineon Internet page
www.infineon.com/rfpower
2x 0.50
0.05
23.26
24.40
2
2
Diagram Notes—unless otherwise specified:
1. Mold/dam bar/metal protrusion of 0.30 mm max per side not included.
2. Metal protrusions are connected to source and shall not exceed 0.10 mm max.
3. Fillets and radii: all radii are 0.3 mm max.
4. Interpret dimensions and tolerances per ISO 8015.
5. Dimensions are mm.
6. Does not include mold/dam bar and metal protrusion.
7. Exposed metal surface is tin-plated, may not be covered by mold compound.
8. All tolerances ± 0.1 mm unless specified otherwise.
9. All metal surfaces are tin-plated, except area of cut.
10. Lead thickness: 0.25 mm.
11. Pins: D1, D2 = drain; G1, G2 = gate; S = source, V1, V2 = no DC bias, NC or
connect to GRD
V2
V1
PG-HBSOF-6-2_02.1_01-17-2017
D2
D1
G2
G1
11. Pins: D1, D2 = drain; G1, G2 = gate; S = source; V1 = drain video
decoupling, no DC Bias, V2 = NC or connected to GRD
2x 0.50
0.05
23.26
24.40
2
2
Diagram Notes—unless otherwise specified:
1. Mold/dam bar/metal protrusion of 0.30 mm max per side not included.
2. Metal protrusions are connected to source and shall not exceed 0.10 mm max.
3. Fillets and radii: all radii are 0.3 mm max.
4. Interpret dimensions and tolerances per ISO 8015.
5. Dimensions are mm.
6. Does not include mold/dam bar and metal protrusion.
7. Exposed metal surface is tin-plated, may not be covered by mold compound.
8. All tolerances ± 0.1 mm unless specified otherwise.
9. All metal surfaces are tin-plated, except area of cut.
10. Lead thickness: 0.25 mm.
11. Pins: D1, D2 = drain; G1, G2 = gate; S = source, V1, V2 = no DC bias, NC or
connect to GRD
V2
V1
PG-HBSOF-6-2_02.1_01-17-2017
D2
D1
G2
G1


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn