Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PTRA093818NF Datasheet(PDF) 6 Page - Infineon Technologies AG

Part No. PTRA093818NF
Description  Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 960 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

PTRA093818NF Datasheet(HTML) 6 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PTRA093818NF
Data Sheet
6 of 10
Rev. 05.1, 2017-08-16
Reference Circuit, 925 – 960 MHz
Reference circuit assembly diagram (not to scale)
C105
C101
C106
C102
C107
C103
C108
C109
C104
R101
R102
C111
C110
R103
R104
R105
C214
C215
C205
C201
C206
C204
C203
C207
C210
C209
C208
C202
C213
C211 C212
U1
PTRA093818NF_OUT_02
PTRA093818NF_IN_01A
RO4350, 20MIL
(277)
RO4350, 20MIL
(277)
RF_OUT
VDD
RF_IN
VGS(PEAK)
VGS(MAIN)
VDD


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn