Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SED1200F Datasheet(PDF) 5 Page - Epson Company

Part No. SED1200F
Description  Dot Matrix LCD Controller Driver
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPSON [Epson Company]
Homepage  http://www.epsondevice.com
Logo EPSON - Epson Company

SED1200F Datasheet(HTML) 5 Page - Epson Company

  SED1200F Datasheet HTML 1Page - Epson Company SED1200F Datasheet HTML 2Page - Epson Company SED1200F Datasheet HTML 3Page - Epson Company SED1200F Datasheet HTML 4Page - Epson Company SED1200F Datasheet HTML 5Page - Epson Company SED1200F Datasheet HTML 6Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
SED1200F
s DIE SPECIFICATION
q PAD LAYOUT
q PAD COORDINATION
1705
–1705
–2930
2930
Die Size
Die Thickness
Pad Size
Pad Pitch
5.86!3.41mm
400
µm
90!90
µm
190
µm
q Die Specification
q Pad Specification
(0, 0)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
SEG17
SEG16
SEG15
SEG14
SEG13
SEG12
SEG11
SEG10
SEG9
SEG8
SEG7
SEG6
SEG5
SEG4
SEG3
SEG2
SEG1
COM1
COM2
COM3
COM4
COM5
COM6
COM7
COM8
A0
CS
RD
WR
ø
XD
XG
DB3
DB2
DB1
DB0
VSS
VLCD
VDD
COM9
2123
1932
1742
1551
1361
1170
980
789
599
408
218
27
–163
–354
–544
–735
–925
–1116
–1306
–1497
–1687
–1878
–2068
–2259
–2778
–2778
–2778
–2778
–2778
–2778
–2778
–2778
–2778
–2778
–2778
–2778
–2778
–2778
–2778
–2778
1552
1552
1552
1552
1552
1552
1552
1552
1552
1552
1552
1552
1552
1552
1552
1552
1552
1552
1552
1552
1552
1552
1552
1552
1429
1238
1048
857
667
476
286
95
–95
–286
–476
–667
–857
–1048
–1238
–1429
Pad
No. Pad Name
X
Y
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
COM10
COM11
COM12
COM13
COM14
COM15
COM16
SEG50
SEG49
SEG48
SEG47
SEG46
SEG45
SEG44
SEG43
SEG42
SEG41
SEG40
SEG39
SEG38
SEG37
SEG36
SEG35
SEG34
SEG33
SEG32
SEG31
SEG30
SEG29
SEG28
SEG27
SEG26
SEG25
SEG24
SEG23
SEG22
SEG21
SEG20
SEG19
SEG18
–2220
–2029
–1839
–1648
–1458
–1267
–1077
–886
–696
–505
–315
–124
66
257
447
638
828
1019
1209
1400
1590
1781
1971
2162
2777
2777
2777
2777
2777
2777
2777
2777
2777
2777
2777
2777
2777
2777
2777
2777
–1552
–1552
–1552
–1552
–1552
–1552
–1552
–1552
–1552
–1552
–1552
–1552
–1552
–1552
–1552
–1552
–1552
–1552
–1552
–1552
–1552
–1552
–1552
–1552
–1385
–1195
–1004
–814
–623
–433
–242
–52
139
329
520
710
901
1091
1282
1472
Pad
No. Pad Name
X
Y
unit :
µm
Note: The origin of cordination is center of the die.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn