Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC35VB160-G Datasheet(PDF) 2 Page - Comchip Technology

Part # SC35VB160-G
Description  Glass Passivated 3 Phase Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SC35VB160-G Datasheet(HTML) 2 Page - Comchip Technology

  SC35VB160-G Datasheet HTML 1Page - Comchip Technology SC35VB160-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.3-TYPICAL FORWARD CHARACTERISTICS
100
10
1.0
0.1
0.01
0.6
0.8
1.0
1.2
1.4
0.4
1.6
FIG.2- DERATING CURVE OUTPUT RECTIFIED CURRENT
CASE TEMPERATURE,°C
150
100
20
0
10
30
40
50
50
WITH HEATSINK
NUMBER OF CYCLES AT 60Hz
FIG.1-MAXMUN FORWARD SURGE CURRENT
200
300
100
10
1
350
400
450
500
150
100
50
250
0
PULSE WIDTH 8.3ms
SINGLE HALF-SINE -WAVE
(JEDEC METHOD)
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG.4-TYPICAL REVERSE CHARACTERISTICS
0
120
20
40
60
80
100
140
10
1.0
0.1
0.01
100
TJ=25°C
Glass Passivated 3 Phase Bridge Rectifiers
RATINGS AND CHARACTERISTIC CURVES SC35VB160
-G
MDS0905016A
Page 2


Similar Part No. - SC35VB160-G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SC35VB160 HY-SC35VB160 Datasheet
362Kb / 3P
   Glass Passivated 3 Phase Bridge Rectifiers
SC35VB160 HY-SC35VB160_V01 Datasheet
362Kb / 3P
   Glass Passivated 3 Phase Bridge Rectifiers
More results

Similar Description - SC35VB160-G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
KBP3005G HY-KBP3005G Datasheet
143Kb / 3P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SH50VB80 HY-SH50VB80 Datasheet
133Kb / 2P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR3500GW HY-SBR3500GW Datasheet
155Kb / 3P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR5000G HY-SBR5000G Datasheet
179Kb / 3P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SMT50GW HY-SMT50GW Datasheet
376Kb / 3P
   Glass Passivated 3 Phase Bridge Rectifiers
SC50VB80 HY-SC50VB80_V01 Datasheet
361Kb / 3P
   Glass Passivated 3 Phase Bridge Rectifiers
SH50VBW HY-SH50VBW Datasheet
341Kb / 3P
   Glass Passivated 3 Phase Bridge Rectifiers
SBR35GW HY-SBR35GW Datasheet
363Kb / 3P
   Glass Passivated 3 Phase Bridge Rectifiers
SBR3508G HY-SBR3508G Datasheet
152Kb / 3P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SMT2508GW HY-SMT2508GW Datasheet
187Kb / 3P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com