Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBD717 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # MMBD717
Description  Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MMBD717 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  MMBD717_17 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MMBD717_17 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MMBD717_17 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Schottky Barrier Diode
MMBD717
F071
www.gmesemi.com
Rev.A
1
FEATURES
Extremely fast switching speed.
Extremely low forward voltage-
0.28V(Typ)@IF=1mA.
Common anode.
APPLICATIONS
High speed switching application ,circuit protection
SOT-323
and voltage clamping.
ORDERING INFORMATION
Type No.
Marking
Package Code
MMBD717
B3
SOT-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Limits
Unit
DC Reverse Voltage
VR
20
V
Power Dissipation
Pd
200
mW
Operating Junction Temperature Range
Tj
150
Storage Temperature Range
TSTG
-55 to +150
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Min
TYP
MAX
UNIT
Test Condition
Reverse Breakdown Voltage
V(BR)R
20
-
V
IR= 10μA
Forward Voltage
VF
-
0.28
0.37
V
IF=1.0mA
Reverse Leakage Current
IR
-
0.05
1.0
μA
VR=10V
Diode Capacitance
CD
-
2.0
2.5
pF
VR=1.0V,f=1MHz
Pb
Lead-free


Similar Part No. - MMBD717_17

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD717 PANJIT-MMBD717_12 Datasheet
186Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results

Similar Description - MMBD717_17

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com