Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-818A20AUC-BGA-T2 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-818A20AUC-BGA-T2
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-818A20AUC-BGA-T2 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-818A20AUC-BGA-T2 Datasheet HTML 1Page - Seiko Instruments Inc S-818A20AUC-BGA-T2 Datasheet HTML 2Page - Seiko Instruments Inc S-818A20AUC-BGA-T2 Datasheet HTML 3Page - Seiko Instruments Inc S-818A20AUC-BGA-T2 Datasheet HTML 4Page - Seiko Instruments Inc S-818A20AUC-BGA-T2 Datasheet HTML 5Page - Seiko Instruments Inc S-818A20AUC-BGA-T2 Datasheet HTML 6Page - Seiko Instruments Inc S-818A20AUC-BGA-T2 Datasheet HTML 7Page - Seiko Instruments Inc S-818A20AUC-BGA-T2 Datasheet HTML 8Page - Seiko Instruments Inc S-818A20AUC-BGA-T2 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Rev.1.2
Seiko Instruments Inc.
1
LOW DROPOUT CMOS VOLTAGE REGULATOR
S-818 Series
Note : Please consider power dissipation of the package when the output current is large.
„ Package
O 5-pin SOT-23-5 (Package drawing code: MP005-A)
O 5-pin SOT-89-5 (Package drawing code: UP005-A)
The S-818 Series is a positive voltage regulator developed
utilizing CMOS technology featured by low dropout voltage,
high output voltage accuracy and low current consumption.
Built-in low on-resistance transistor provides low dropout
voltage and large output current. A ceramic capacitor of 2
µF
or more can be used as an output capacitor. A power-OFF
circuit ensures long battery life.
The SOT-23-5 miniaturized package and the SOT-89-5
package are recommended for configuring portable devices
and large output current applications, respectively.
„ Applications
O Power source for
battery-powered devices
O Power source for
personal communication devices
O Power source for home electric/electronic
appliances
„ Features
O Low current consumption
During operation: Typ. 30
µA, Max. 40 µA
During power off: Typ. 100 nA, Max. 500 nA
O Output voltage: 0.1 V steps between 2.0 and 6.0 V
O High accuracy output voltage: ±2.0%
O Peak output current;
200 mA capable (3.0 V output product, VIN=4 V)
Note
300 mA capable (5.0 V output product, VIN=6 V)
Note
O Low dropout voltage
Typ. 170 mV (5.0 V output product, IOUT = 60 mA)
A ceramic capacitor (2
µF or more) can be used as an
output capacitor.
O Built-in power-off circuit
O Compact package: SOT-23-5, SOT-89-5


Similar Part No. - S-818A20AUC-BGA-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-818A20AUC-BGAT2G SII-S-818A20AUC-BGAT2G Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-818A20AUC-BGAT2X ABLIC-S-818A20AUC-BGAT2X Datasheet
487Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
More results

Similar Description - S-818A20AUC-BGA-T2

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
ABLIC Inc.
S-818 ABLIC-S-818 Datasheet
487Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S814 SII-S814 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S-818 SII-S-818_1 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GSC2129 GTM-GSC2129 Datasheet
552Kb / 6P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com