Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI91846DT-28-T1 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SI91846DT-28-T1
Description  150-mA Ultra Low-Noise LDO Regulator With Error Flag and Discharge Option
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI91846DT-28-T1 Datasheet(HTML) 5 Page - Vishay Siliconix

  SI91846DT-28-T1 Datasheet HTML 1Page - Vishay Siliconix SI91846DT-28-T1 Datasheet HTML 2Page - Vishay Siliconix SI91846DT-28-T1 Datasheet HTML 3Page - Vishay Siliconix SI91846DT-28-T1 Datasheet HTML 4Page - Vishay Siliconix SI91846DT-28-T1 Datasheet HTML 5Page - Vishay Siliconix SI91846DT-28-T1 Datasheet HTML 6Page - Vishay Siliconix SI91846DT-28-T1 Datasheet HTML 7Page - Vishay Siliconix SI91846DT-28-T1 Datasheet HTML 8Page - Vishay Siliconix SI91846DT-28-T1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Si91845/6
Vishay Siliconix
Document Number: 71733
S-40591—Rev. B, 29-Mar-04
www.vishay.com
5
TYPICAL CHARACTERISTICS (INTERNALLY REGULATED, 25_C UNLESS NOTED)
−1.0
−0.8
−0.6
−0.4
−0.2
−0.0
0.2
0.4
−40
−15
10
35
60
85
Normalized VOUT vs. Temperature
Ambient Temperature (_C)
0
50
100
150
200
250
300
2
3456
7
No Load GND Pin Current vs. Input Voltage
Input Voltage (V)
IOUT = 0 mA
IOUT = 150 mA
IOUT = 75 mA
−40_C
85_C
50
75
100
125
150
0
25
50
75
100
125
150
GND Current vs. Load Current
Load Current (mA)
600
625
650
675
700
725
750
−40
−15
10
35
60
85
Output Short Circuit Current vs. Temperature
85_C
AmbientTemperature (_C)
25_C
−80
−60
−40
−20
0
10
100
1000
10000
100000
1000000
Power Supply Rejection
Frequency (Hz)
CIN = 1 mF
COUT = 1 mF
ILOAD = 150 mA
VOUT = 3.0 V
−0.75
−0.60
−0.45
−0.30
−0.15
0.00
0.15
0.30
0
25
50
75
100
125
150
Normalized Output Voltage vs. Load Current
Load Current (mA)
VOUT = 2.6 V
VIN = VOUT(nom) + 1 V
VOUT = 3.0 V
VIN = 4.0 V
VIN = VOUT(nom) + 1 V
25_C
−40_C


Similar Part No. - SI91846DT-28-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-18-T1 VISHAY-SI91841DT-18-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-20-T1 VISHAY-SI91841DT-20-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-22-T1 VISHAY-SI91841DT-22-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-25-T1 VISHAY-SI91841DT-25-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
More results

Similar Description - SI91846DT-28-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91844 VISHAY-SI91844 Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91871 VISHAY-SI91871 Datasheet
183Kb / 9P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. B, 03-Feb-03
SI91871 VISHAY-SI91871_V01 Datasheet
143Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
18-Jul-08
SI91871 VISHAY-SI91871_05 Datasheet
160Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. F, 20-Jun-05
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com