Electronic Components Datasheet Search |
|
CR12D15-40RHC Datasheet(PDF) 2 Page - Wall Industries,Inc. |
|
CR12D15-40RHC Datasheet(HTML) 2 Page - Wall Industries,Inc. |
2 / 5 page Rev B CR SERIES 40 Watt DC/DC Power Converters 06/23/2014 Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797 website: www.wallindustries.com • e-mail: sales@wallindustries.com Page 2 of 5 TECHNICAL SPECIFICATIONS: CR SERIES All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted. We reserve the right to change specifications based on technological advances. SPECIFICATION TEST CONDITIONS Min Typ Max Unit INPUT SPECIFICATIONS Input Voltage Range 12VDC nominal input models 9 12 18 VDC 24VDC nominal input models 18 24 36 48VDC nominal input models 36 48 75 Start-Up Voltage 12VDC nominal input models 9 VDC 24VDC nominal input models 18 48VDC nominal input models 36 Shutdown Voltage 12VDC nominal input models 8 VDC 24VDC nominal input models 16 48VDC nominal input models 32 Input Surge Voltage (1sec, max.) 12VDC nominal input models 25 VDC 24VDC nominal input models 50 48VDC nominal input models 100 Input Current No Load See Table Input Filter Pi type OUTPUT SPECIFICATIONS Output Voltage See Table Voltage Accuracy -1.0 +1.0 % Line Regulation Low line to high line at full load -0.2 +0.2 % Load Regulation No load to full load Single Output Models -0.5 +0.5 % Dual Output Models -1.0 +1.0 Cross Regulation (Dual Output Models) Asymmetrical load 25% / 100% FL -5.0 +5.0 % Voltage Adjustability Single Output Models 3.3V, 5V, & 12V Output Models -10 +10 % 15V & 24V Outputs Models -10 +20 Output Power See Table Output Current See Table Minimum Load 0 % Maximum Capacitive Load Minimum input and constant resistive load See Table Ripple & Noise Measured by 20MHz bandwidth and with a 0.1µF/50V X7R MLCC capacitor 3.3V & 5V Output Models 75 100 mVp-p 12V & 15V Output Models 100 125 24V Output Models 150 200 Transient Response Recovery Time 25% load step change 250 µs Start-Up Time Constant resistive load Power Up 60 ms Remote On/Off 60 Temperature Coefficient -0.02 +0.02 %/°C PROTECTION Short Circuit Protection Continuous, automatic recovery Over Load Protection % of rated Iout; hiccup mode 150 % Over Voltage Protection Zener diode clamp 3.3V Output Models 3.9 VDC 5V Output Models 6.2 12V Output Models 15 15V Output Models 20 24 V Output Models 30 Over Temperature Protection +115 °C GENERAL SPECIFICATIONS Efficiency Nominal input voltage and full load See Table Switching Frequency 225 250 275 kHz Isolation Voltage 1 minute Input to Output 1600 VDC Input to Case 1600 Output to Case 1600 Isolation Resistance 500VDC 1 GΩ Isolation Capacitance 1500 pF |
Similar Part No. - CR12D15-40RHC |
|
Similar Description - CR12D15-40RHC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |