Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHB150-24S3.3P Datasheet(PDF) 7 Page - Wall Industries,Inc.

Part # DCHB150-24S3.3P
Description  132~196 Watts DC/DC Power Converters Single Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHB150-24S3.3P Datasheet(HTML) 7 Page - Wall Industries,Inc.

  DCHB150-24S3.3P Datasheet HTML 1Page - Wall Industries,Inc. DCHB150-24S3.3P Datasheet HTML 2Page - Wall Industries,Inc. DCHB150-24S3.3P Datasheet HTML 3Page - Wall Industries,Inc. DCHB150-24S3.3P Datasheet HTML 4Page - Wall Industries,Inc. DCHB150-24S3.3P Datasheet HTML 5Page - Wall Industries,Inc. DCHB150-24S3.3P Datasheet HTML 6Page - Wall Industries,Inc. DCHB150-24S3.3P Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Rev D
DCHB150 SERIES
132~196 Watts
DC/DC Power Converters
Single Output
1/29/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 7 of 7
MODEL NUMBER SETUP
DCHB
150
-
24
S
12
P
Series Name
Output Power
Input Voltage
Output Quantity
Ouptut Voltage
Remote On/Off & Pin Length
150: 150 Watts
12: 8.5~22 VDC
S: single
3.3: 3.3 VDC
None: positive Logic, 0.200” pin length
9~22 VDC
05: 5 VDC
S: positive Logic, 0.145” pin length
24: 16.5~36 VDC
12: 12 VDC
R: negative Logic, 0.200” pin length
48: 33~75 VDC
15: 15 VDC
RL: negative Logic, 0.145” pin length
24: 24 VDC
28: 28 VDC
48: 48 VDC
53: 53 VDC
Y
C
TH
H
TF
Sync Pin
Case Pin
Thru-Hole Inserts(1)
Heatsink
Terminal Block(2)
Blank: No Pin
Blank: No Pin
None: threaded inserts
None: no heatsink
None: No terminal block
SY: sync pin
CP: case pin
TH: No Thread
H: 0.45” vertical 7G-0021A-F
T: wall mounted
H1: 0.24” horizontal 7G-0022A-F
TF: wall mounted with EMC filter (3)
H2: 0.24” vertical 7G-0023A-F
TF1:
wall mounted with EMC filter can
be connected to PE
(3)
H3: 0.45” horizontal 7G-0024A-F
NOTES
1. The module can’t equip Heat-Sink with TH option
2. No Y and C function for terminal block type, and terminal block type only for 0.200” pin length.
3. EMI filter meets EN55022 Class A.
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008
certification is just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely
with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide
ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss your
future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833


Similar Part No. - DCHB150-24S3.3P

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHB150-24S3.3 WALL-DCHB150-24S3.3 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
More results

Similar Description - DCHB150-24S3.3P

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBDD-5026J POWERBOX-PBDD-5026J Datasheet
314Kb / 1P
   52-132 WATTS DC/DC SINGLE
logo
Wall Industries,Inc.
DCQAW150 WALL-DCQAW150 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
RSG Electronic Componen...
CHB200W-24S3V3 RSG-CHB200W-24S3V3 Datasheet
192Kb / 2P
   132 TO 200 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
Wall Industries,Inc.
DCHBW100 WALL-DCHBW100_18 Datasheet
1Mb / 9P
   82.5~100.8 Watts Half-Brick DC/DC Power Converters Single Output
logo
Power-One
24Q1001-2R POWER-ONE-24Q1001-2R Datasheet
139Kb / 4P
   60...132 Watt DC-DC Converters
logo
Wall Industries,Inc.
DCMRD5 WALL-DCMRD5_16 Datasheet
891Kb / 7P
   5 Watts Isolated DC/DC Converters Single and Dual Output
logo
CINCON ELECTRONICS Corp...
CFB400W CINCON-CFB400W Datasheet
196Kb / 2P
   400W WATTS 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
Wall Industries,Inc.
DCMRD5 WALL-DCMRD5 Datasheet
894Kb / 7P
   5 Watts Isolated DC - DC Converters Single and Dual Output
DCMUA15 WALL-DCMUA15 Datasheet
292Kb / 4P
   15 Watts DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com