Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR24S12-60RHC Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # CR24S12-60RHC
Description  60 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CR24S12-60RHC Datasheet(HTML) 4 Page - Wall Industries,Inc.

  CR24S12-60RHC Datasheet HTML 1Page - Wall Industries,Inc. CR24S12-60RHC Datasheet HTML 2Page - Wall Industries,Inc. CR24S12-60RHC Datasheet HTML 3Page - Wall Industries,Inc. CR24S12-60RHC Datasheet HTML 4Page - Wall Industries,Inc. CR24S12-60RHC Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Wall Industries, Inc.
Rev A
CR60 SERIES
60 Watt DC/DC Power Converters
03/27/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
EFFICIENCY CURVES
CR48S12-60 Efficiency vs Input Voltage
CR48S12-60 Efficiency vs Output Load
70
75
80
85
90
95
100
36
40
44
48
52
56
60
64
68
72
75
Input Voltage (VDC)
10
20
30
40
50
60
70
80
90
100
% of Full Load
70
75
80
85
90
95
100
Vin=36V
Vin=48V
Vin=75V
MECHANICAL DRAWING
0.200
(5.08)
0.400 (10.16)
1.00 (25.4)
0.800 (20.3)
3
2
1
6
5
4
0.300
(7.62)
0.700 (17.78)
0.100 (2.54)
0.22
(5.6)
0.40 (10.2)
DIA.
0.04 (1.0)
Unit: inches (mm)
NOTES
1. Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin Pitch Tolerance: ±0.01 (±0.25)
3. Pin Dimension Tolerance: ±0.004 (±0.1)
PIN CONNECTIONS
PIN
SINGLE
DUAL
1
+INPUT
+INPUT
2
-INPUT
-INPUT
3
CTRL
CTRL
4
+OUTPUT
+OUTPUT
5
-OUTPUT
COMMON
6
TRIM
-OUTPUT
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed
by using the method shown below.
6
5
TRIM UP
RU
TRIM DOWN
RD
6
4


Similar Part No. - CR24S12-60RHC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CR24S12-33RH WALL-CR24S12-33RH Datasheet
506Kb / 5P
   40 Watt DC/DC Power Converters
CR24S12-33RHC WALL-CR24S12-33RHC Datasheet
506Kb / 5P
   40 Watt DC/DC Power Converters
CR24S12-40 WALL-CR24S12-40 Datasheet
506Kb / 5P
   40 Watt DC/DC Power Converters
CR24S12-40RH WALL-CR24S12-40RH Datasheet
506Kb / 5P
   40 Watt DC/DC Power Converters
CR24S12-40RHC WALL-CR24S12-40RHC Datasheet
506Kb / 5P
   40 Watt DC/DC Power Converters
More results

Similar Description - CR24S12-60RHC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CRW60 WALL-CRW60 Datasheet
125Kb / 5P
   60 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
CQB60W-110S CINCON-CQB60W-110S Datasheet
322Kb / 2P
   60 WATT DC-DC CONVERTERS
logo
Power-One
24Q1001-2R POWER-ONE-24Q1001-2R Datasheet
139Kb / 4P
   60...132 Watt DC-DC Converters
logo
CINCON ELECTRONICS Corp...
ECLB60W CINCON-ECLB60W Datasheet
187Kb / 2P
   60 WATT 4:1 INPUT DC-DC CONVERTERS
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
DCMUA WALL-DCMUA Datasheet
279Kb / 5P
   5 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
JFC10 WALL-JFC10 Datasheet
160Kb / 5P
   10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com