Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHBW150-110S3.3-RTF Datasheet(PDF) 9 Page - Wall Industries,Inc.

Part # DCHBW150-110S3.3-RTF
Description  Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW150-110S3.3-RTF Datasheet(HTML) 9 Page - Wall Industries,Inc.

Back Button DCHBW150-110S3.3-RTF Datasheet HTML 5Page - Wall Industries,Inc. DCHBW150-110S3.3-RTF Datasheet HTML 6Page - Wall Industries,Inc. DCHBW150-110S3.3-RTF Datasheet HTML 7Page - Wall Industries,Inc. DCHBW150-110S3.3-RTF Datasheet HTML 8Page - Wall Industries,Inc. DCHBW150-110S3.3-RTF Datasheet HTML 9Page - Wall Industries,Inc. DCHBW150-110S3.3-RTF Datasheet HTML 10Page - Wall Industries,Inc. DCHBW150-110S3.3-RTF Datasheet HTML 11Page - Wall Industries,Inc. DCHBW150-110S3.3-RTF Datasheet HTML 12Page - Wall Industries,Inc. DCHBW150-110S3.3-RTF Datasheet HTML 13Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Rev G
DCHBW150 SERIES
Up to 182 Watts
Half-Brick DC/DC Converter
Single Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 9 of 13
Heatsink Options
7G-0021A-F (-H Suffix)
7G-0022A-F (-H1 Suffix)
7G-0023A-F (-H2 Suffix)
7G-0024A-F (-H3 Suffix)
Notes:
1. All dimensions in inch [mm]
2. Tolerance: x.xx±0.02 [x.x±0.5]
x.xxx±0.01 [x.xx±0.25]
FUSE CONSIDERATION
This power module is not internally fused. An input line fuse must always be used.
This encapsulated power module can be used in a wide variety of applications, ranging from simple stand-alone operation to an
integrated part of sophisticated power architecture.
The maximum flexibility, internal fusing is not included; however, to achieve maximum safety and system protection, always use an input
line fuse.
Suggested input line fused are below:
Model
Fuse Rating (A)
Fuse Type
DCHBW150-24Sxx
25
Fast Acting
DCHBW150-48Sxx
15
Fast Acting
DCHBW150-110Sxx
8
Fast Acting
The table based on the information provided in this data sheet on inrush energy and maximum DC input current at low Vin.


Similar Part No. - DCHBW150-110S3.3-RTF

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW150-24S05 WALL-DCHBW150-24S05 Datasheet
734Kb / 8P
   4 - 1 Wide Input Voltage Ranges 132-182 Watts, Single Outputs
DCHBW150-24S12 WALL-DCHBW150-24S12 Datasheet
734Kb / 8P
   4 - 1 Wide Input Voltage Ranges 132-182 Watts, Single Outputs
DCHBW150-24S15 WALL-DCHBW150-24S15 Datasheet
734Kb / 8P
   4 - 1 Wide Input Voltage Ranges 132-182 Watts, Single Outputs
DCHBW150-24S24 WALL-DCHBW150-24S24 Datasheet
734Kb / 8P
   4 - 1 Wide Input Voltage Ranges 132-182 Watts, Single Outputs
DCHBW150-24S28 WALL-DCHBW150-24S28 Datasheet
734Kb / 8P
   4 - 1 Wide Input Voltage Ranges 132-182 Watts, Single Outputs
More results

Similar Description - DCHBW150-110S3.3-RTF

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBU200 WALL-DCHBU200 Datasheet
327Kb / 4P
   Up to 200 Watts DC/DC Half-Brick Converter Single Output
DCQUW60 WALL-DCQUW60 Datasheet
718Kb / 8P
   Up to 60 Watts Quarter Brick DC/DC Converter Single Outputs
logo
CUI INC
VHB50 CUI-VHB50 Datasheet
1Mb / 4P
   Half Brick DC to DC Converter
logo
DATEL, Inc.
HBR DATEL-HBR Datasheet
1Mb / 16P
   HBR Series of Railway Half-Brick Up to 100 Watts DC-DC Converter
QBR DATEL-QBR Datasheet
836Kb / 15P
   Quarter-Brick Up to 100 Watts DC-DC Converter
HBR DATEL-HBR_17 Datasheet
966Kb / 15P
   HBR Series of Railway Half-Brick Up to 150 Watts DC-DC Converter
logo
Wall Industries,Inc.
DCHBW75 WALL-DCHBW75_18 Datasheet
679Kb / 9P
   Up to 76.8 Watts DC/DC Power Converter Single Outputs
logo
Power Mate Technology C...
HAE200 P-DUKE-HAE200 Datasheet
768Kb / 4P
   HALF-BRICK DC-DC CONVERTER 2:1 WIDE INPUT RANGE UP TO 255 Watts
HAE100 P-DUKE-HAE100 Datasheet
785Kb / 4P
   HALF-BRICK DC-DC CONVERTER 2:1 WIDE INPUT RANGE UP TO 100 Watts
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com