Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD64012 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # PD64012
Description  12-channel PoE Manager
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD64012 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button PD64012 Datasheet HTML 6Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 7Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 8Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 9Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 10Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 11Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 12Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 13Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
PD64012
12-CHANNEL PoE MANAGER
Macros (802.3 Standard)
Classification – upon request from the MCU, a state machine applies a regulated 18 V on the port output. The
internal current is measured by a metering circuit, compared with a number of preset ranges and in this manner,
the classification is established.
Line Detection – the MCU generates a request to have four separate voltage levels applied to the output port. A
unique measurement circuit monitors the delta between the second and third levels, and between the third and
fourth levels. The voltage differences are compared with values stored in registers. By comparing the values, the
system can decide whether or not to enable the port.
AC Disconnect – the system applies a sinusoidal signal to the positive terminal of the port. The voltage developed
on the port terminals is proportional to the value of the load. If the load is high, the AC component riding on the port
terminals, will be small and reversed. If the load low, the AC component will be large. A special circuit measures
the level of the AC component and compares it with a value stored in a register. Based on the comparison results,
the system decides to disable the port or not.
DC Disconnect for DC Modulation: senses if the port current falls below 7.5 mA. If so, a flag is raised and timers in
the Channel RT Controller are enabled. The Channel RT Controller acts according to pre-programmed limits for
thresholds and time windows, prior to initiating a disconnect status for that port. The circuitry takes into account
PD’s that modulate their current consumption, disconnecting them only if necessary.
Analog Section
Clock Oscillator
A 4 MHz oscillator, used for internal logic and timers.
Power on Reset (POR)
Monitors the internal regulated +3.3 V and generates a Reset signal, if this value drops below 2.8 V. The Reset
signal resets the ASIC’s logic and generates an output flag to the other PD64012 ASICs, via the RESET_N pin.
Charge Pump
This circuit block generates a voltage which increases the main input voltage by 10 VDC (approx.). This potential
is used to operate the AC Disconnect circuits.
Current Limit
This circuit continuously checks the current for enabled ports. Once the current exceeds a specific level, the
system starts to measure the elapsed time. If this period is greater than a preset threshold, the port is disabled. In
all cases, the output current will not exceed a pre-established maximum.
Real Time Protection
This circuit receives flags from two locations in the PD64012: from the sense resistor and from the main input
voltage (48 V). A 10-bit A/D Converter feeds the Digital section, at the Current and AC Voltage Measurement block.
From there on, the system handles the levels according to pre-programmed limits.
DC Disconnect Comparator
Once the port current drops below a set limit, the comparator provides an indication to the DC Disconnect Logic to
that effect.
PD-IM-7348 Evaluation Board
The performance features of the PD64012 PoE Manager can be fully appreciated with the PD-IM-7348 Evaluation
Board. This board allows to investigate all functions accessible to the designer. The evaluation board supports up
to 48 ports, has both I
2C and UART interfaces and can demonstrate the Enhanced and Auto modes.
www.powerdsine.com
© PowerDsine 2003
Information in this document subject
06-0003-058 (Rev. 2.8) / 5 August 2004
to change without prior notice.
10


Similar Part No. - PD64012

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD64012G MICROSEMI-PD64012G Datasheet
55Kb / 1P
   12-PORT PoE PSE MANAGER
PD64012GH MICROSEMI-PD64012GH Datasheet
55Kb / 1P
   12-PORT HPoE PSE MANAGER
More results

Similar Description - PD64012

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD64012G MICROSEMI-PD64012G Datasheet
55Kb / 1P
   12-PORT PoE PSE MANAGER
logo
Microchip Technology
PD69208T4 MICROCHIP-PD69208T4 Datasheet
1Mb / 35P
   PoE PSE Manager
2020
PD39208 MICROCHIP-PD39208 Datasheet
1Mb / 34P
   PoE PSE Manager
2020
logo
Microsemi Corporation
PD64001 MICROSEMI-PD64001 Datasheet
510Kb / 9P
   1-Port PoE Manager
PD64001H MICROSEMI-PD64001H Datasheet
384Kb / 14P
   1-Port PoE Manager
logo
Microchip Technology
PD69201 MICROCHIP-PD69201 Datasheet
483Kb / 29P
   1-Port PSE PoE Manager
2021
logo
Microsemi Corporation
PD69108 MICROSEMI-PD69108 Datasheet
898Kb / 17P
   8 PORTS PSE POE MANAGER
logo
List of Unclassifed Man...
PD64004A ETC2-PD64004A Datasheet
156Kb / 1P
   4-port PoE PSE Manager
logo
STMicroelectronics
STE12PS STMICROELECTRONICS-STE12PS Datasheet
797Kb / 44P
   12 channel integrated PSE line manager
logo
Microsemi Corporation
PD64012GH MICROSEMI-PD64012GH Datasheet
55Kb / 1P
   12-PORT HPoE PSE MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com