Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR12D33-40RH Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # CR12D33-40RH
Description  40 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CR12D33-40RH Datasheet(HTML) 5 Page - Wall Industries,Inc.

  CR12D33-40RH Datasheet HTML 1Page - Wall Industries,Inc. CR12D33-40RH Datasheet HTML 2Page - Wall Industries,Inc. CR12D33-40RH Datasheet HTML 3Page - Wall Industries,Inc. CR12D33-40RH Datasheet HTML 4Page - Wall Industries,Inc. CR12D33-40RH Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev B
CR SERIES
40 Watt DC/DC Power Converters
06/23/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 5
MODEL NUMBER SETUP
CR
48
S
05
-
40
R
H
Series Name
Input Voltage
Output Quantity
Ouptut Voltage
Output Power
Remote ON/OFF
Heatsink
12: 9-18 VDC
S: Single Output
33: 3.3 VDC
33: 33 Watts
None: Positive Logic
None: No Heatsink
24: 18-36 VDC
05: 5 VDC
40: 40 Watts
R: Negative Logic
H: Heatsink
48: 36-75 VDC
12: 12 VDC
HC:
Heatsink with
clamp
15: 15 VDC
24: 24 VDC
D: Dual Output
12: ±12 VDC
15: ±15 VDC
24: ±24 VDC
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008
certification is just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely
with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide
ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss your
future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833


Similar Part No. - CR12D33-40RH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CR12D33-60RH WALL-CR12D33-60RH Datasheet
532Kb / 5P
   60 Watt DC/DC Power Converters
CR12D33-60RHC WALL-CR12D33-60RHC Datasheet
532Kb / 5P
   60 Watt DC/DC Power Converters
More results

Similar Description - CR12D33-40RH

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM40U-C AIMTEC-AM40U-C Datasheet
285Kb / 2P
   40 watt dc-dc converters
AM40K-C AIMTEC-AM40K-C Datasheet
286Kb / 2P
   40 watt dc-dc converters
logo
Tumbler Technologies + ...
PD40 TRUMPOWER-PD40 Datasheet
224Kb / 3P
   40 WATT DC TO DC CONVERTERS
PD40-10 TRUMPOWER-PD40-10 Datasheet
224Kb / 3P
   40 WATT DC TO DC CONVERTERS
logo
Power-One
IMR25 POWER-ONE-IMR25 Datasheet
122Kb / 3P
   25...40 Watt DC-DC Converters
logo
Murata Manufacturing Co...
UCP40-75W MURATA-UCP40-75W Datasheet
356Kb / 7P
   40-75 Watt, DC/DC Converters
logo
Wall Industries,Inc.
CRW WALL-CRW Datasheet
355Kb / 5P
   40 Watt DC/DC Power Converters Single and Dual Outputs
logo
CINCON ELECTRONICS Corp...
ECLB40W CINCON-ECLB40W Datasheet
208Kb / 2P
   40 WATT 4:1 INPUT DC-DC CONVERTERS
CLB40W-110 CINCON-CLB40W-110 Datasheet
203Kb / 2P
   40 WATT 4:1 INPUT DC-DC CONVERTERS
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com