Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR12D24-33RH Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # CR12D24-33RH
Description  40 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CR12D24-33RH Datasheet(HTML) 1 Page - Wall Industries,Inc.

  CR12D24-33RH Datasheet HTML 1Page - Wall Industries,Inc. CR12D24-33RH Datasheet HTML 2Page - Wall Industries,Inc. CR12D24-33RH Datasheet HTML 3Page - Wall Industries,Inc. CR12D24-33RH Datasheet HTML 4Page - Wall Industries,Inc. CR12D24-33RH Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev B
CR SERIES
40 Watt DC/DC Power Converters
06/23/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
Size:
2.00 x 1.00 x 0.40 inches
(50.8 x 25.4 x 10.2 mm)
Applications:
Wireless Networks
Telecom/Datacom
Industry Control Systems
Distributed Power Architectures
Semiconductor Equipment
FEATURES
Input Under Voltage Protection
High Efficiency up to 92%
Remote ON/OFF Control
2:1 Wide Input Voltage Ranges
Six-Sided Continuous Shielding
Low Stand-by Power Consumption
No Minimum Load Required
Single and Dual Outputs
40 Watts Maximum Output Power
1600VDC I/O Isolation
Short Circuit, Over Voltage, Over Load, & Over Temp. Protection
Wide Operating Temperature Range: -40°C to +85°C
CE Mark Meets 2006/95/EC, 2011/95/EC, & 2004/108/EC
Compliant to RoHS EU Directive 2011/65/EU
UL60950-1, EN60950-1, & IEC60950-1 Safety Approvals
Optional Heatsink Available (Suffix “HS”)
DESCRIPTION
The CR series of DC/DC power converters provides 40 Watts of output power in an industry standard
2.00” x 1.00” x 0.40” package and footprint. This series has single and dual output models with 2:1 wide
input voltage ranges of 9-18VDC, 18-36VDC, and 36-75VDC. Some features include high efficiency up to
92%, 1600VDC I/O isolation, six-sided shielding, and remote ON/OFF control. These converters are also
protected against short circuit, over voltage, over load, and over temperature conditions. All models are
RoHS compliant and have UL60950-1, EN60950-1, and IEC60950-1 safety approvals. This series is best
suited for use in wireless networks, telecom/datacom, industry control systems, semiconductor
equipment, and distributed power architectures.
MODEL SELECTION TABLE
SINGLE OUTPUT MODELS
Model Number Input Voltage Range
Output
Voltage
Output Current
Output
Ripple & Noise
No Load
Input Current
Output
Power
Efficiency
Maximum
Capacitive Load
Min Load
Max Load
CR12S33-33
12 VDC
(9 - 18 VDC)
3.3 VDC
0mA
10A
75mVp-p
20mA
33W
90%
26600µF
CR12S05-40
5 VDC
0mA
8A
75mVp-p
20mA
40W
91%
20000µF
CR12S12-40
12 VDC
0mA
3.333A
100mVp-p
20mA
40W
91%
3900µF
CR12S15-40
15 VDC
0mA
2.666A
100mVp-p
20mA
40W
91%
2600µF
CR12S24-40
24 VDC
0mA
1.666A
150mVp-p
20mA
40W
91%
1300µF
CR24S33-33
24 VDC
(18 - 36 VDC)
3.3 VDC
0mA
10A
75mVp-p
15mA
33W
91%
26600µF
CR24S05-40
5 VDC
0mA
8A
75mVp-p
15mA
40W
92%
20000µF
CR24S12-40
12 VDC
0mA
3.333A
100mVp-p
15mA
40W
92%
3900µF
CR24S15-40
15 VDC
0mA
2.666A
100mVp-p
15mA
40W
92%
2600µF
CR24S24-40
24 VDC
0mA
1.666A
150mVp-p
15mA
40W
91%
1300µF
CR48S33-33
48 VDC
(36 - 75 VDC)
3.3 VDC
0mA
10A
75mVp-p
10mA
33W
91%
26600µF
CR48S05-40
5 VDC
0mA
8A
75mVp-p
10mA
40W
92%
20000µF
CR48S12-40
12 VDC
0mA
3.333A
100mVp-p
10mA
40W
92%
3900µF
CR48S15-40
15 VDC
0mA
2.666A
100mVp-p
10mA
40W
92%
2600µF
CR48S24-40
24 VDC
0mA
1.666A
150mVp-p
10mA
40W
92%
1300µF
DUAL OUTPUT MODELS
Model Number Input Voltage Range
Output
Voltage
Output Current
Output
Ripple & Noise
No Load
Input Current
Output
Power
Efficiency
Maximum
Capacitive Load
Min Load
Max Load
CR12D12-40
12 VDC
(9 - 18 VDC)
±12 VDC
0mA
±1.666A
100mVp-p
20mA
40W
90%
±2600µF
CR12D15-40
±15 VDC
0mA
±1.333A
100mVp-p
20mA
40W
91%
±1600µF
CR12D24-40
±24 VDC
0mA
±0.833A
150mVp-p
20mA
40W
91%
±650µF
CR24D12-40
24 VDC
(18 - 36 VDC)
±12 VDC
0mA
±1.666A
100mVp-p
15mA
40W
90%
±2600µF
CR24D15-40
±15 VDC
0mA
±1.333A
100mVp-p
15mA
40W
91%
±1600µF
CR24D24-40
±24 VDC
0mA
±0.833A
150mVp-p
15mA
40W
91%
±650µF
CR48D12-40
48 VDC
(36 - 75 VDC)
±12 VDC
0mA
±1.666A
100mVp-p
10mA
40W
91%
±2600µF
CR48D15-40
±15 VDC
0mA
±1.333A
100mVp-p
10mA
40W
91%
±1600µF
CR48D24-40
±24 VDC
0mA
±0.833A
150mVp-p
10mA
40W
90%
±650µF
NOTES
1. The CR series can only meet EMI Class A or Class B with external components added. Please contact factory for more information.
2. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. For 12VDC nominal input models we recommend
connecting an
aluminum electrolytic capacitor (Nippon chemi-con KY series, 220µF/100V) and a TVS (SMDJ58A, 58V, 3000 Watt peak pulse power)
diode in parallel. For 24VDC nominal input models we recommend connecting an aluminum electrolytic capacitor (Nippon chemi-con KY series,
220µF/100V) and a TVS (SMDJ64A, 64V, 3000
Watt peak pulse power) diode in parallel. For 48VDC nominal input models we recommend connecting
an aluminum electrolytic capacitor (Nippon chemi-con KY
series, 220µF/100V) and a TVS (SMDJ120A, 120V, 3000 Watt peak pulse power) diode
connected in parallel.
3. Both positive logic and negative logic remote ON/OFF control is available. Positive logic remote ON/OFF comes standard; for negative logic remote
ON/OFF add the
suffix “R” to the model number (Ex: CR48S05-40R).
4. Optional heatsink is available. Please call factory for ordering details.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
Due to advances in technology, specifications subject to change without notice.


Similar Part No. - CR12D24-33RH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CR12D24-60 WALL-CR12D24-60 Datasheet
532Kb / 5P
   60 Watt DC/DC Power Converters
CR12D24-60RH WALL-CR12D24-60RH Datasheet
532Kb / 5P
   60 Watt DC/DC Power Converters
CR12D24-60RHC WALL-CR12D24-60RHC Datasheet
532Kb / 5P
   60 Watt DC/DC Power Converters
More results

Similar Description - CR12D24-33RH

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM40U-C AIMTEC-AM40U-C Datasheet
285Kb / 2P
   40 watt dc-dc converters
AM40K-C AIMTEC-AM40K-C Datasheet
286Kb / 2P
   40 watt dc-dc converters
logo
Tumbler Technologies + ...
PD40 TRUMPOWER-PD40 Datasheet
224Kb / 3P
   40 WATT DC TO DC CONVERTERS
PD40-10 TRUMPOWER-PD40-10 Datasheet
224Kb / 3P
   40 WATT DC TO DC CONVERTERS
logo
Power-One
IMR25 POWER-ONE-IMR25 Datasheet
122Kb / 3P
   25...40 Watt DC-DC Converters
logo
Murata Manufacturing Co...
UCP40-75W MURATA-UCP40-75W Datasheet
356Kb / 7P
   40-75 Watt, DC/DC Converters
logo
Wall Industries,Inc.
CRW WALL-CRW Datasheet
355Kb / 5P
   40 Watt DC/DC Power Converters Single and Dual Outputs
logo
CINCON ELECTRONICS Corp...
ECLB40W CINCON-ECLB40W Datasheet
208Kb / 2P
   40 WATT 4:1 INPUT DC-DC CONVERTERS
CLB40W-110 CINCON-CLB40W-110 Datasheet
203Kb / 2P
   40 WATT 4:1 INPUT DC-DC CONVERTERS
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com