Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR48D15-60RH Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # CR48D15-60RH
Description  60 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CR48D15-60RH Datasheet(HTML) 3 Page - Wall Industries,Inc.

  CR48D15-60RH Datasheet HTML 1Page - Wall Industries,Inc. CR48D15-60RH Datasheet HTML 2Page - Wall Industries,Inc. CR48D15-60RH Datasheet HTML 3Page - Wall Industries,Inc. CR48D15-60RH Datasheet HTML 4Page - Wall Industries,Inc. CR48D15-60RH Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Wall Industries, Inc.
Rev A
CR60 SERIES
60 Watt DC/DC Power Converters
03/27/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 5
SPECIFICATIONS: CR60 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
REMOTE ON/OFF (See Note 3)
DC/DC ON
Open or 3V ~ 12 VDC
Positive Logic (standard)
Referenced to –Input pin
DC/DC OFF
Short or 0 ~ 1.2 VDC
DC/DC ON
Short or 0 ~ 1.2 VDC
Negative Logic (optional)
Referenced to –Input pin
DC/DC OFF
Open or 3V ~ 12 VDC
Input Current of Remote Control Pin
Nominal Vin
-0.5
+0.5
mA
Remote OFF State Input Current
Nominal Vin
3
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
See derating curves
-40
+85
°C
Maximum Case Temperature
+105
°C
Storage Temperature
-55
+125
°C
Without Heatsink
10.8
Thermal Impedance (See Note 4)
Natural Convection (20LFM)
With Heatsink
10.3
°C/W
Relative Humidity
5
95
% RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
BELLCORE TR-NWT-000332 Case 1: 50% Stress, Ta=40°C
2,661,000 hours
MTBF
MIL-HDBK-217F Ta=25°C, full load (G/B, controlled environment)
98,650 hours
PHYSICAL SPECIFICATIONS
Weight
1.16oz (33g)
Dimensions (L x W x H)
2.00x1.00x0.40 inch (50.8x25.4x10.2 mm)
Case Material
copper
Base Material
FR4 PCB
Potting Material
Silicon (UL94-V0)
Shielding
Six-sided
SAFETY & EMC CHARACTERISTICS
Safety Approvals
IEC60950-1, UL60950-1, EN60950-1
EMI (See Note 1)
EN55022
Class A
ESD
EN61000-4-2
Air ±8kV
Contact ±6kV
Perf. Criteria A
Radiated Immunity
EN61000-4-3
20 V/m
Perf. Criteria A
Fast Transient (See Note 2)
EN61000-4-4
±2kV
Perf. Criteria A
Surge (See Note 2)
EN61000-4-5
±2kV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
10 Vrms
Perf. Criteria A
DERATING CURVES
CR48S12-60 Derating Curve
CR48S12-60 Derating Curve with Heatsink
0
20
40
60
80
100
120
-40-20
0
20
40
60
80100
120
100LFM
200LFM
300LFM
400LFM
500LFM
Ambient Temperature (°C)
Natural Convection
0
20
40
60
80
100
120
-40-20
0
20
40
60
80100
120
Ambient Temperature (°C)
Natural Convection
100LFM
200LFM
300LFM
400LFM
500LFM


Similar Part No. - CR48D15-60RH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CR48D15-33RH WALL-CR48D15-33RH Datasheet
506Kb / 5P
   40 Watt DC/DC Power Converters
CR48D15-33RHC WALL-CR48D15-33RHC Datasheet
506Kb / 5P
   40 Watt DC/DC Power Converters
CR48D15-40 WALL-CR48D15-40 Datasheet
506Kb / 5P
   40 Watt DC/DC Power Converters
CR48D15-40RH WALL-CR48D15-40RH Datasheet
506Kb / 5P
   40 Watt DC/DC Power Converters
CR48D15-40RHC WALL-CR48D15-40RHC Datasheet
506Kb / 5P
   40 Watt DC/DC Power Converters
More results

Similar Description - CR48D15-60RH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CRW60 WALL-CRW60 Datasheet
125Kb / 5P
   60 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
CQB60W-110S CINCON-CQB60W-110S Datasheet
322Kb / 2P
   60 WATT DC-DC CONVERTERS
logo
Power-One
24Q1001-2R POWER-ONE-24Q1001-2R Datasheet
139Kb / 4P
   60...132 Watt DC-DC Converters
logo
CINCON ELECTRONICS Corp...
ECLB60W CINCON-ECLB60W Datasheet
187Kb / 2P
   60 WATT 4:1 INPUT DC-DC CONVERTERS
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
DCMUA WALL-DCMUA Datasheet
279Kb / 5P
   5 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
JFC10 WALL-JFC10 Datasheet
160Kb / 5P
   10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com