Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUM09MN20-270 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SUM09MN20-270
Description  N-Channel 200-V (D-S) 175C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUM09MN20-270 Datasheet(HTML) 5 Page - Vishay Siliconix

  SUM09MN20-270 Datasheet HTML 1Page - Vishay Siliconix SUM09MN20-270 Datasheet HTML 2Page - Vishay Siliconix SUM09MN20-270 Datasheet HTML 3Page - Vishay Siliconix SUM09MN20-270 Datasheet HTML 4Page - Vishay Siliconix SUM09MN20-270 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SUM09N20-270
Vishay Siliconix
New Product
Document Number: 72158
S-03414—Rev. A, 03-Mar-03
www.vishay.com
5
THERMAL RATINGS
0
2
4
6
8
10
0
25
50
75
100
125
150
175
Safe Operating Area
VDS - Drain-to-Source Voltage (V)
100
10
0.1
1
10
1000
Limited
by rDS(on)
0.1
TC = 25_C
Single Pulse
Maximum Avalanche and Drain Current
vs. Case Temperature
TC - Ambient Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Case
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10-4
10-3
10-2
10-1
10
0.2
0.1
Duty Cycle = 0.5
1 ms
10 ms
dc, 100 ms
10
ms
100
ms
Single Pulse
0.05
0.02
1
100
1


Similar Part No. - SUM09MN20-270

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM09N20-270 VISHAY-SUM09N20-270 Datasheet
39Kb / 5P
   N-Channel 200-V (D-S) 175 Degree Celcious MOSFET
Rev. A, 03-Mar-03
SUM09N20-270 VISHAY-SUM09N20-270 Datasheet
193Kb / 4P
   N-Channel 200-V (D-S), 175Celsius MOSFET
Rev. B, 10-Apr-06
SUM09N20-270 VISHAY-SUM09N20-270_06 Datasheet
193Kb / 4P
   N-Channel 200-V (D-S), 175Celsius MOSFET
Rev. B, 10-Apr-06
More results

Similar Description - SUM09MN20-270

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM16N20-125 VISHAY-SUM16N20-125 Datasheet
48Kb / 5P
   N-Channel 200-V (D-S) 175C MOSFET
Rev. C, 16-Jun-03
SUP57N20-33 VISHAY-SUP57N20-33 Datasheet
42Kb / 5P
   N-Channel 200-V (D-S) 175C MOSFET
Rev. A, 20-Jan-03
SUD19N20-90 VISHAY-SUD19N20-90 Datasheet
43Kb / 4P
   N-Channel 200-V (D-S) 175C MOSFET
Rev. A, 17-Dec-01
SUM65N20-30 VISHAY-SUM65N20-30 Datasheet
48Kb / 5P
   N-Channel 200-V (D-S) 175C MOSFET
Rev. A, 15-Oct-01
SUM40N02-12P VISHAY-SUM40N02-12P Datasheet
59Kb / 5P
   N-Channel 20-V (D-S) 175C MOSFET
Rev. D, 20-Dec-0
SUR70N02-04P VISHAY-SUR70N02-04P Datasheet
79Kb / 4P
   N-Channel 20-V (D-S) 175C MOSFET
Rev. A, 19-Jan-04
SUD50N03-07AP VISHAY-SUD50N03-07AP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. C, 16-Jun-03
SUM110N05-06L VISHAY-SUM110N05-06L Datasheet
59Kb / 5P
   N-Channel 55-V (D-S), 175C MOSFET
Rev. B, 15-Nov-04
SUP90N06-05L VISHAY-SUP90N06-05L Datasheet
59Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. A, 09-Aug-04
SUD40N02-08 VISHAY-SUD40N02-08_09 Datasheet
73Kb / 5P
   N-Channel 20-V (D-S), 175C MOSFET
Rev. B, 18-Aug-03
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com