Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR12D15-60RH Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # CR12D15-60RH
Description  60 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CR12D15-60RH Datasheet(HTML) 5 Page - Wall Industries,Inc.

  CR12D15-60RH Datasheet HTML 1Page - Wall Industries,Inc. CR12D15-60RH Datasheet HTML 2Page - Wall Industries,Inc. CR12D15-60RH Datasheet HTML 3Page - Wall Industries,Inc. CR12D15-60RH Datasheet HTML 4Page - Wall Industries,Inc. CR12D15-60RH Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Wall Industries, Inc.
Rev A
CR60 SERIES
60 Watt DC/DC Power Converters
03/27/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 5
MODEL NUMBER SETUP
CR
48
S
12
-
60
R
H
Series Name
Input Voltage
Output Quantity
Ouptut Voltage
Output Power
Remote ON/OFF
Heatsink
12: 9-18 VDC
S: Single Output
33: 3.3 VDC
60: 60 Watts
Blank: Positive Logic
Blank: No Heatsink
24: 18-36 VDC
05: 5 VDC
R: Negative Logic
H: Heatsink
48: 36-75 VDC
12: 12 VDC
HC: Heatsink with clamp
15: 15 VDC
24: 24 VDC
D: Dual Output
12: ±12 VDC
15: ±15 VDC
24: ±24 VDC
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development engineers will
provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008 certification is just one
example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its
customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing
support for your project above and beyond the design and production phases. Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
5 Watson Brook Rd.
Exeter, NH 03833


Similar Part No. - CR12D15-60RH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CR12D15-33RH WALL-CR12D15-33RH Datasheet
506Kb / 5P
   40 Watt DC/DC Power Converters
CR12D15-33RHC WALL-CR12D15-33RHC Datasheet
506Kb / 5P
   40 Watt DC/DC Power Converters
CR12D15-40 WALL-CR12D15-40 Datasheet
506Kb / 5P
   40 Watt DC/DC Power Converters
CR12D15-40RH WALL-CR12D15-40RH Datasheet
506Kb / 5P
   40 Watt DC/DC Power Converters
CR12D15-40RHC WALL-CR12D15-40RHC Datasheet
506Kb / 5P
   40 Watt DC/DC Power Converters
More results

Similar Description - CR12D15-60RH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CRW60 WALL-CRW60 Datasheet
125Kb / 5P
   60 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
CQB60W-110S CINCON-CQB60W-110S Datasheet
322Kb / 2P
   60 WATT DC-DC CONVERTERS
logo
Power-One
24Q1001-2R POWER-ONE-24Q1001-2R Datasheet
139Kb / 4P
   60...132 Watt DC-DC Converters
logo
CINCON ELECTRONICS Corp...
ECLB60W CINCON-ECLB60W Datasheet
187Kb / 2P
   60 WATT 4:1 INPUT DC-DC CONVERTERS
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
DCMUA WALL-DCMUA Datasheet
279Kb / 5P
   5 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
JFC10 WALL-JFC10 Datasheet
160Kb / 5P
   10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com