Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHB150-24S24S Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCHB150-24S24S
Description  132~196 Watts DC/DC Power Converters Single Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHB150-24S24S Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCHB150-24S24S Datasheet HTML 1Page - Wall Industries,Inc. DCHB150-24S24S Datasheet HTML 2Page - Wall Industries,Inc. DCHB150-24S24S Datasheet HTML 3Page - Wall Industries,Inc. DCHB150-24S24S Datasheet HTML 4Page - Wall Industries,Inc. DCHB150-24S24S Datasheet HTML 5Page - Wall Industries,Inc. DCHB150-24S24S Datasheet HTML 6Page - Wall Industries,Inc. DCHB150-24S24S Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev D
DCHB150 SERIES
132~196 Watts
DC/DC Power Converters
Single Output
1/29/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 7
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Operating Input Voltage Range
12VDC nominal input models
3.3 & 5VDC models
9
12
22
VDC
Others
8.5
12
22
24VDC nominal input models
16.5
24
36
48VDC nominal input models
33
48
75
Start-Up Voltage
12VDC nominal input models
9
VDC
24VDC nominal input models
18
48VDC nominal input models
34
Shutdown Voltage
12VDC nominal input models
7.3
8.1
VDC
24VDC nominal input models
15.5
16.3
48VDC nominal input models
31.6
32.5
Input Surge Voltage (1 Sec)
12VDC nominal input models
30
VDC
24VDC nominal input models
50
48VDC nominal input models
100
Input Current
No Load
See Table
Sync Pin Signal(14)
-0.3
5.6
VDC
Input Filter(13)
Pi Type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-1.0
+1.0
%
Line Regulation
Low line to high line at full load
-0.1
+0.1
%
Load Regulation
No load to full load
-0.1
+0.1
%
Voltage Adjustability(6)
Maximum output deviation is inclusive of remote sense
-20
+10
%
Remote Sense(7)
% of Vout(nom)
10
%Vo
Output Power
See Table
Output Current
See Table
Minimum Load
0
%
Maximum Capacitive Load
Minimum input and constant resistive load
See Table
Ripple & Noise (peak to peak)
20MHz bandwidth
See Table
Transient Response Recovery Time
25% load step change
200
250
µS
Start-Up Time
Power Up
Nominal input and constant resistive load
75
mS
Remote On/Off
75
Temperature Coefficient
-0.02
+0.02
%/ºC
REMOTE ON/OFF CONTROL(5)
Positive Logic
(Option)
DC/DC ON
Open or 3~12VDC
DC/DC OFF
Short or 0~1.2VDC
Negative Logic
(Standard)
DC/DC ON
Short or 0~1.2VDC
DC/DC OFF
Open or 3~12VDC
Input Current of CTRL Pin
-0.5
1
mA
Remote OFF Input Current
3
mA
PROTECTION
Short Circuit Protection
Continuous, Automatic Recovery
Over Load Protection
% of lout rated; Hiccup mode
120
150
%
Over Voltage Protection
% of Vout(nom); Hiccup mode
115
130
%
Over Temperature Protection
+120
ºC
ENVIRONMENTAL SPECIFICATIONS
Operating Case Temperature
-40
+115
ºC
Storage Temperature
Terminal Block Type
-40
+105
ºC
Others
-55
+125
Thermal Impedance(8)
Standard
6.1
ºC/W
Only mount on the iron base-plate
2.8
With 0.24” Heatsink
5.1
With 0.45” Heatsink
4.6
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative Humidity
5
95
%
MTBF
MIL-HDBK-217F, Full Load
381,800


Similar Part No. - DCHB150-24S24S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHB150-24S24 WALL-DCHB150-24S24 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
More results

Similar Description - DCHB150-24S24S

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBDD-5026J POWERBOX-PBDD-5026J Datasheet
314Kb / 1P
   52-132 WATTS DC/DC SINGLE
logo
Wall Industries,Inc.
DCQAW150 WALL-DCQAW150 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
RSG Electronic Componen...
CHB200W-24S3V3 RSG-CHB200W-24S3V3 Datasheet
192Kb / 2P
   132 TO 200 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
Wall Industries,Inc.
DCHBW100 WALL-DCHBW100_18 Datasheet
1Mb / 9P
   82.5~100.8 Watts Half-Brick DC/DC Power Converters Single Output
logo
Power-One
24Q1001-2R POWER-ONE-24Q1001-2R Datasheet
139Kb / 4P
   60...132 Watt DC-DC Converters
logo
Wall Industries,Inc.
DCMRD5 WALL-DCMRD5_16 Datasheet
891Kb / 7P
   5 Watts Isolated DC/DC Converters Single and Dual Output
logo
CINCON ELECTRONICS Corp...
CFB400W CINCON-CFB400W Datasheet
196Kb / 2P
   400W WATTS 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
Wall Industries,Inc.
DCMRD5 WALL-DCMRD5 Datasheet
894Kb / 7P
   5 Watts Isolated DC - DC Converters Single and Dual Output
DCMUA15 WALL-DCMUA15 Datasheet
292Kb / 4P
   15 Watts DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com