Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9392A Datasheet(PDF) 6 Page - Keysight Technologies

Part # M9392A
Description  M9362AD01
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9392A Datasheet(HTML) 6 Page - Keysight Technologies

Back Button M9392A Datasheet HTML 2Page - Keysight Technologies M9392A Datasheet HTML 3Page - Keysight Technologies M9392A Datasheet HTML 4Page - Keysight Technologies M9392A Datasheet HTML 5Page - Keysight Technologies M9392A Datasheet HTML 6Page - Keysight Technologies M9392A Datasheet HTML 7Page - Keysight Technologies M9392A Datasheet HTML 8Page - Keysight Technologies M9392A Datasheet HTML 9Page - Keysight Technologies M9392A Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Technical Specifications, continued
M9168E
Specifications
Frequency range
DC to 50 GHz
Attenuation resolution
1 dB step
Repeatability
0.03 dB
Lifecycle
5 million life cycles per section
Insertion loss (at 0 dB)
DC to 6 GHz: 2.5 dB
6 GHz to 18 GHz: 4.0 dB
18 GHz to 26.5 GHz: 5.0 dB
26.5 to 50 GHz: 6.5 dB
Return loss (VSWR)
DC to 18 GHz: 15.5 dB (1.40)
18 to 26.5 GHz: 9.0 dB (2.10)
26.5 to 40 GHz: 7.0 dB (2.61)
40 to 50 GHz: 4.0 dB (4.42)
Maximum input power
1 W (+30 dBm) average 50 W peak (10 µs max)
Maximum reverse power
1 W (+30 dBm) average 50 W peak (10 µs max)
Switching speed
20 ms
RF connector
2.4 mm (f), SMA compatible
Connector compatibility
cPCI, PXI-H, PXI-1
Attenuation accuracy
Specified across operating frequency of 0 to 50 °C
Attenuation setting for step ranges (dB)
DC to 18 GHz
18 to 26.5 GHz
26.5 to 40 GHz
40 to 50 GHz
1 to 2
0.35
0.40
0.69
0.97
3 to 6
0.55
0.70
0.97
1.23
7 to 10
0.70
0.80
1.21
1.62
11 to 20
1.20
1.40
1.87
2.34
21 to 40
1.40
1.60
2.09
2.58
41 to 60
1.90
2.50
3.36
4.22
61 to 80
2.50
2.70
3.59
4.48
81 to 101
3.70
4.00
4.46
4.91
Power requirements
Power consumption from the backplane supply is as follows:
Voltage
+3.3 V
+5.0 V
–12.0 V
+12.0 V
Current
0.5 A (typical 0.2 A)
5.8 A (typical 5.5 A)
0 V
0.37 A (typical 0.34 A)
06 | Keysight | Programmable Step Attenuator Module M9168C DC to 26.5 GHz, M9168E DC to 50 GHz – Data Sheet


Similar Part No. - M9392A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9392A KEYSIGHT-M9392A Datasheet
2Mb / 10P
   M9155/6/7C PXI Hybrid Switch Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com