Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9392A Datasheet(PDF) 3 Page - Keysight Technologies

Part # M9392A
Description  M9362AD01
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9392A Datasheet(HTML) 3 Page - Keysight Technologies

  M9392A Datasheet HTML 1Page - Keysight Technologies M9392A Datasheet HTML 2Page - Keysight Technologies M9392A Datasheet HTML 3Page - Keysight Technologies M9392A Datasheet HTML 4Page - Keysight Technologies M9392A Datasheet HTML 5Page - Keysight Technologies M9392A Datasheet HTML 6Page - Keysight Technologies M9392A Datasheet HTML 7Page - Keysight Technologies M9392A Datasheet HTML 8Page - Keysight Technologies M9392A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Easy Setup…Test…and Maintenance
Hardware platform
Connectors
The M9168C/E comes with 3.5 mm (f) (SMA compatible)/2.4 mm
(f) high quality RF coaxial connectors for 50 Ω.
Compliance
The M9168C/E is PXI compliant, using either a PXI-H, PXI-1
or cPCI slot. Designed to benefit from fast data interfaces, the
M9168C/E can be integrated with other test and automation
modules into PXI, Compact PCI®, and Hybrid chassis. The PXI
format offers high performance in a small, rugged package, and
it’s an ideal platform for many automated test systems. A wide
array of complementary PXI products are currently available
and include multimeters, waveform generators, local oscillators,
digitizers, and switch multiplexers.
Software platform
Drivers
Keysight‘s M9168C/E comes complete with software drivers
for Windows XP, Windows Vista, Windows 7, and LabVIEW.
Also included are application code examples for LabVIEW,
LabWindows/CVI, Visual Studio, C, C++, MATLAB.
Soft Front Panel
The M9168C/E graphical user interface guides developers
through the module setup process. Users can quickly configure
the module parameters. The interfaces are implemented using
the IVI standard supporting both IVI-COM and IVI-C.
Soft front panel of M9168C/E provides an intuitive approach for
program simulation and troubleshooting. The soft front panel
comes in Uncorrected and Corrected instance.
Uncorrected — User sees the nominal value of the attenuation in
this instance, regardless of operating frequency.
Corrected — Calibration data is burnt in the module EEPROM
at factory and is unique to each step attenuator module. The
corrected data is the attenuation value by frequency. User could
read the actual attenuation value that changes with frequency,
and with accuracy up to 2 decimal points.
Figure 1a. Uncorrected instance of M9168C/E soft front panel
Figure 1b. Corrected instance of M9168C/E soft front panel
Figure 1c. Onboard cycle count per attenuation section tracking
eases maintenance and reduces unexpected system downtime
03 | Keysight | Programmable Step Attenuator Module M9168C DC to 26.5 GHz, M9168E DC to 50 GHz – Data Sheet


Similar Part No. - M9392A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9392A KEYSIGHT-M9392A Datasheet
2Mb / 10P
   M9155/6/7C PXI Hybrid Switch Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com