Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHB500-24S48M-P Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCHB500-24S48M-P
Description  Up to 500W DC/DC Power Module Single Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHB500-24S48M-P Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCHB500-24S48M-P Datasheet HTML 1Page - Wall Industries,Inc. DCHB500-24S48M-P Datasheet HTML 2Page - Wall Industries,Inc. DCHB500-24S48M-P Datasheet HTML 3Page - Wall Industries,Inc. DCHB500-24S48M-P Datasheet HTML 4Page - Wall Industries,Inc. DCHB500-24S48M-P Datasheet HTML 5Page - Wall Industries,Inc. DCHB500-24S48M-P Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev C
DCHB500 SERIES
Up to 500W
DC/DC Power Module
Single Output
1/25/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 6
FEATURES
Wide Input Voltage Range
Industry Standard Half-Brick Package
High Reliability & High Efficiency
Low Ripple & Noise
Advanced Potting Technology
Input Under Voltage, Over Voltage, Over
Temperature, Short Circuit, and Over
Current Protection
APPLICATIONS
DESCRIPTION
Radar
Electronic Warfare
Industrial Control
Railway
Defense
The DCHB500 series of DC/DC power modules offers up
to 500 watts of output power in a compact 2.28” x 2.4” x
0.5” industry standard half-brick package. This series
consists of single output models with a wide input voltage
range and advanced potting technology. Each model in
this series features high reliability, high efficient, low ripple
& noise, as well as protection against input under voltage,
over voltage, over temperature, over current, and short
circuit conditions. Please contact factory for order details.
Size: 2.28in x 2.4in x 0.5in (57.9mm x 61mm x 12.7mm)
MODEL SELECTION TABLE
Model Number(1)
Input Voltage Range
Output Voltage
Output Current
Ripple & Noise
Efficiency
Output Power
DCHB500-24S5
24VDC
(18~36VDC)
5VDC
60A
50mV
93%
Up to 500W
DCHB500-24S6.5
6.5VDC
50A
50mV
94%
DCHB500-24S12
12VDC
42A
50mV
94%
DCHB500-24S24
24VDC
21A
100mV
93%
DCHB500-24S28
28VDC
18A
100mV
92.8%
DCHB500-24S36
36VDC
14A
150mV
91%
DCHB500-24S48
48VDC
10.5A
200mV
91%
DCHB500-280S5
280VDC
(200~400VDC)
5VDC
60A
75mV
89.5%
Up to 500W
DCHB500-280S12
12VDC
30A
180mV
92.5%
DCHB500-280S15
15VDC
24A
200mV
92.5%
DCHB500-280S24
24VDC
21A
400mV
92.5%
DCHB500-280S28
28VDC
18A
400mV
93.5%
DCHB500-280S36
36VDC
10.5A
500mV
92%
DCHB500-280S48
48VDC
10.5A
500mV
92%
SPECIFICATIONS
All specifications are based on 25°C baseplate temperature, Rated Input Voltage, and Rated Output unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
24VDC Nominal Input Models
18
24
36
VDC
280VDC Nominal Input Models
200
280
400
No Load Input Current
Typical Input, Output No Load, TC=25ºC
24VDC Nominal Input Models
600
mA
280VDC Nominal Input Models
100
mA
Input Under Voltage Lockout
24VDC Nominal Input Models, 50% Load
Turn On
15.0
15.5
16.0
VDC
Turn Off
16.5
17.0
17.5
Hysteresis Voltage
1.5
280VDC Nominal Input Models, 50% Load
Turn On
175
185
195
VDC
Turn Off
180
190
200
Hysteresis Voltage
5
Turn On
415
425
435
Turn Off
402
410
418
Hysteresis Voltage
15


Similar Part No. - DCHB500-24S48M-P

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHB150 WALL-DCHB150 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
DCHB150 WALL-DCHB150 Datasheet
619Kb / 7P
   132~196 Watts DC/DC Power Converters Single Output
DCHB150-12S05 WALL-DCHB150-12S05 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
DCHB150-12S05 WALL-DCHB150-12S05 Datasheet
619Kb / 7P
   132~196 Watts DC/DC Power Converters Single Output
DCHB150-12S05P WALL-DCHB150-12S05P Datasheet
619Kb / 7P
   132~196 Watts DC/DC Power Converters Single Output
More results

Similar Description - DCHB500-24S48M-P

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SD-500 MEANWELL-SD-500 Datasheet
148Kb / 4P
   500W Single Output DC-DC Converter
SD-500_1109 MEANWELL-SD-500_1109 Datasheet
245Kb / 4P
   500W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD500 ASTRODYNE-SD500 Datasheet
935Kb / 6P
   500W Single Output DC-DC Converter
SD500 ASTRODYNE-SD500_16 Datasheet
935Kb / 6P
   500W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-500 MEANWELL-SD-500_10 Datasheet
246Kb / 4P
   500W Single Output DC-DC Converter
logo
DENSEI-LAMBDA
PAF500F48 LAMBDA-PAF500F48 Datasheet
87Kb / 1P
   High Power DC-DC Module 500W ~ 700W?
PT500 LAMBDA-PT500 Datasheet
87Kb / 1P
   DC-DC transformer module 500W
logo
Wall Industries,Inc.
DCBC60 WALL-DCBC60 Datasheet
402Kb / 5P
   Up to 60 Watts Isolated DC/DC Power Converter Single Output
logo
Delta Electronics, Inc.
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
   500W DC/DC Power Modules
logo
MicroPower Direct, LLC
MPO-500S MPD-MPO-500S Datasheet
1Mb / 4P
   Single Output, 500W Power Factor Corrected, AC/DC Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com